Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ1000R33HL3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FZ1000R33HL3
Description  IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FZ1000R33HL3 Datasheet(HTML) 6 Page - Infineon Technologies AG

  FZ1000R33HL3 Datasheet HTML 1Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 2Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 3Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 4Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 5Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 6Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 7Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 8Page - Infineon Technologies AG FZ1000R33HL3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
*
2
+<
9
2
S
2U
2
+<
9
2
S
2U
2
+<
9
2
S
2U
2
+<
9
2
S
2U
3
2 #
+<
+
S
U
3
2 #
+<
+
S
U
3
2 #
+<
+
S
U
3
2 #
+<
+
S
U
:-, ) SGWUA :-cc ) SGWU
:-, ) SGWUA :-cc ) SGWU
:-, ) SGWUA :-cc ) SGWU
:-, ) SGWUA :-cc ) SGWU
!W' ) a K !A +& )
/A !&' )
!A 4W' )
;
!W' ) a K !A +& )
/A !&' )
!A 4W' )
;
!W' ) a K !A +& )
/A !&' )
!A 4W' )
;
!W' ) a K !A +& )
/A !&' )
!A 4W' )
;
GW y^z
&
'
(
*
,
+
-
&
'
*
+
&
:-,A HI ) K L4
:-,A HI )
KL4
:-ccA HI ) K L4
:-ccA HI )
KL4
9 "
3
+<
9
2
9 "
3
+<
9
2
9 "
3
+<
9
2
9 "
3
+<
9
2
2
+<
2
+<
2
+<
2
+<
{FZi& ) S U
{FZi& ) S U
{FZi& ) S U
{FZi& ) S U
y z
)
)
)
)
{FZi& +<
]y?%69 z
]y z
A d
A
A*
A
K
*
A
AK
A
2
GM 63"
/
2 +<
9
SG
Q/U
2
GM 63"
/
2 +<
9
SG
Q/U
2
GM 63"
/
2 +<
9
SG
Q/U
2
GM 63"
/
2 +<
9
SG
Q/U
#
+<
SG
Q/U
#
+<
SG
Q/U
#
+<
SG
Q/U
#
+<
SG
Q/U
+& ) S!&'U
+& ) S!&'U
+& ) S!&'U
+& ) S!&'U
!W' ) a K !A GW-cc )
^A
HI ) K L4A 4W' )
;
!W' ) a K !A GW-cc )
^A
HI ) K L4A 4W' )
;
!W' ) a K !A GW-cc )
^A
HI ) K L4A 4W' )
;
!W' ) a K !A GW-cc )
^A
HI ) K L4A 4W' )
;
!&' y!z
(
(
&
&(
(
(
(
&
&(
+&A 5
+&A 42
$
2
6
$
9
2
S
2U
$
2
6
$
9
2
S
2U
$
2
6
$
9
2
S
2U
$
2
6
$
9
2
S
2U
3
2
S
U
3
2
S
U
3
2
S
U
3
2
S
U
+n ) S!nU
+n ) S!nU
+n ) S!nU
+n ) S!nU
!n y!z
)
)(
)
)(
&)
&)(
)
)(
&
'
*
+
&
'
*
+
&
HI ) KL4
HI )
KL4
HI ) K L4


Similar Part No. - FZ1000R33HL3

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
FZ1000R33HL3 POWERINT-FZ1000R33HL3 Datasheet
220Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
More results

Similar Description - FZ1000R33HL3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ1000R33HE3 INFINEON-FZ1000R33HE3 Datasheet
468Kb / 9P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-07-16 revision:2.2
FZ1200R33HE3 INFINEON-FZ1200R33HE3 Datasheet
470Kb / 9P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-07-16 revision:2.1
FP50R06W2E3_B11 INFINEON-FP50R06W2E3_B11 Datasheet
518Kb / 11P
   EasyPIM??B module PressFIT with trench/fieldstop IGBT3 and Emitter Controlled3 Diode
2009-04-16 rev 2.0
FZ1500R33HL3 INFINEON-FZ1500R33HL3 Datasheet
475Kb / 9P
   IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode
2010-04-26 revision:2.4
FD1000R33HL3-K INFINEON-FD1000R33HL3-K Datasheet
605Kb / 12P
   IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode
V 3.3 2019-07-24
FZ1200R45HL3 INFINEON-FZ1200R45HL3 Datasheet
531Kb / 9P
   IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode
V 3.3 2019-08-23
FZ1200R45HL3_S7 INFINEON-FZ1200R45HL3_S7 Datasheet
677Kb / 15P
   IHM-B module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode
Revision 1.10 2021-11-02
FD1000R33HE3-K INFINEON-FD1000R33HE3-K Datasheet
522Kb / 12P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode
2010-07-16
FZ1500R33HE3 INFINEON-FZ1500R33HE3 Datasheet
472Kb / 9P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode
2010-07-16 revision:2.4
FZ1600R33HE4 INFINEON-FZ1600R33HE4 Datasheet
957Kb / 13P
   IHM-B module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
datasheet 1.10 2021-04-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com