Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMIX341D16S Datasheet(PDF) 1 Page - Semikron International

Part # SEMIX341D16S
Description  Bridge Rectifier Module (uncontrolled)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX341D16S Datasheet(HTML) 1 Page - Semikron International

  SEMIX341D16S Datasheet HTML 1Page - Semikron International SEMIX341D16S Datasheet HTML 2Page - Semikron International SEMIX341D16S Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMiX341D16s
© by SEMIKRON
Rev. 66 – 25.03.2010
1
SEMiX® 13
D
Bridge Rectifier Module
(uncontrolled)
SEMiX341D16s
Features
• Terminal height 17 mm
• Chips soldered directly to isolated
substrate
Typical Applications*
• Input Bridge Rectifier for AC/DC motor
control
• power supply
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
Recitifier Diode
IFAV
sin. 180°
Tc =85°C
340
A
Tc = 100 °C
290
A
IFSM
10 ms
Tj =25°C
2500
A
Tj = 130 °C
2000
A
i2t
10 ms
Tj =25°C
31250
A2s
Tj = 130 °C
20000
A2s
VRSM
1700
V
VRRM
1600
V
Tj
-40 ... 130
°C
Module
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz
1min
4000
V
1s
4800
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Diode
VF
Tj =25°C, IF = 400 A
1.75
V
V(TO)
Tj = 130 °C
0.9
V
rT
Tj = 130 °C
2.7
mΩ
IRD
Tj = 130 °C, VRD = VRRM
4.5
mA
Rth(j-c)
per diode
K/W
K/W
Rth(j-c)
sin. 180
per diode
0.22
K/W
K/W
Module
Rth(c-s)
per chip
K/W
per module
0.04
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
a
5 * 9,81
m/s2
w350
g


Similar Part No. - SEMIX341D16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX341D SEMIKRON-SEMIX341D Datasheet
570Kb / 3P
   Bridge Rectifier Module (uncontrolled)
More results

Similar Description - SEMIX341D16S

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX341D SEMIKRON-SEMIX341D Datasheet
570Kb / 3P
   Bridge Rectifier Module (uncontrolled)
SEMIX251D12FS SEMIKRON-SEMIX251D12FS Datasheet
226Kb / 2P
   Bridge Rectifier Module (uncontrolled)
SEMIX251D12FS SEMIKRON-SEMIX251D12FS_10 Datasheet
232Kb / 3P
   Bridge Rectifier Module(uncontrolled)
SKS290FB6U190V16 SEMIKRON-SKS290FB6U190V16 Datasheet
194Kb / 3P
   Three-phase uncontrolled bridge rectifier
SEMIX251D12FS SEMIKRON-SEMIX251D12FS_07 Datasheet
596Kb / 3P
   Bridge Rectifier Module
logo
LUMEX INC.
LDM-13488MI LUMEX-LDM-13488MI Datasheet
70Kb / 1P
   UNCONTROLLED DOCUMENT
LDS-A302RI LUMEX-LDS-A302RI Datasheet
58Kb / 1P
   UNCONTROLLED DOCUMENT
LCM-S12864GSF LUMEX-LCM-S12864GSF Datasheet
127Kb / 2P
   UNCONTROLLED DOCUMENT
logo
Semikron International
SEMIX241DH16S SEMIKRON-SEMIX241DH16S Datasheet
276Kb / 4P
   Bridge Rectifier Module(halfcontrolled)
SEMIX241DH SEMIKRON-SEMIX241DH Datasheet
807Kb / 3P
   Bridge Rectifier Module (halfcontrolled)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com