Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE2PCS03 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE2PCS03
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS03 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE2PCS03 Datasheet HTML 4Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 5Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 6Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 7Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 8Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 9Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 11Page - Infineon Technologies AG ICE2PCS03 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CCM-PFC
ICE2PCS03/G
Functional Description
Version 2.0
8
10 October 2007
.
Figure 5
Startup with controlled maximum current
3.4
System Protection
The IC provides several protection features in order to
ensure the PFC system in safe operating range:
• VCC Undervoltage Lockout (UVLO)
• Input Brown-out Detection (IBOP)
• Soft Over Current Control (SOC)
• Peak Current Limit (PCL)
• Open-Loop Detection (OLP)
• Output Over-Voltage Protection (OVP)
After the system is supplied with the correct level of
VCC and VIN, the system will enter into its normal mode
of operation. Figure 6 shows situation when these
protections features are active, as a function of the
output voltage VOUT.
An activation of the UVLO, IBOP and OLP results in the
internal fault signal going high and brings the IC into the
standby mode.
As the function of UVLO has already described in the
earlier “Power Supply” section, the following sections
continue to describe the functionality of these
protection features.
Figure 6
Protection Features
3.4.1
Input Brown-Out Protection (IBOP)
Brown-out occurs when the input voltage VIN falls below
the minimum input voltage of the design (i.e. 85V for
universal input voltage range) and the VCC has not
entered into the VCCUVLO level yet. For a system without
IBOP, the boost converter will increasingly draw a
higher current from the mains at a given output power
which may exceed the maximum design values of the
input current.
ICE2PCS03/G provides a new IBOP feature whereby it
senses directly the input voltage for Input Brown-Out
condition via an external resistor/capacitor/diode
network as shown in Figure 7. This network provides a
filtered value of VIN which turns the IC on when the
voltage at pin 4 (VINS) is more than 1.5V. The IC enters
into the standby mode when VINS goes below 0.71V.
The hysteresis prevents the system to oscillate
between normal and standby mode. Note also that VIN
needs to at least 20% of the rated VOUT in order to
overcome OLP and powerup the system.
Figure 7
Input Brown-Out Protection (IBOP)
av(IIN)
VOUT
t
VOUT =rated
95%rated
Window Detect
Normal Control
t
Max Vcomp current
83%rated
VCOMP
Level-shifted VCOMP
t
VOUT
PCL / SOC
20%
100%
OLP
OLP
108%
OVP
VOUT,Rated
UVLO / IBOP
Supply
related
Current
related
Output
related
ICE2PCS03/G
85 ... 265 VAC
Vin
C1
D2 ... D5
VINS
C4
C5
R
S
1.5V
0.71V
Brown-Out Detection
R8
R9
C6
D7
brown-out
80k
3.5V


Similar Part No. - ICE2PCS03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
435Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
ICE2PCS03G INFINEON-ICE2PCS03G Datasheet
435Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
ICE2PCS03 INFINEON-ICE2PCS03_11 Datasheet
435Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
Version 2.1, 22 March 2010
More results

Similar Description - ICE2PCS03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com