Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX286DVM4B Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCIMX286DVM4B
Description  Processors Data Sheet for Consumer Products
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX286DVM4B Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCIMX286DVM4B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX286DVM4B Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
i.MX28 Applications Processors Data Sheet for Consumer Products, Rev. 1
Freescale Semiconductor
11
3
Electrical Characteristics
This section provides the device-level and module-level electrical characteristics for the i.MX28.
3.1
i.MX28
Device-Level Conditions
This section provides the device-level electrical characteristics for the IC.
3.1.1
DC Absolute Maximum Ratings
Table 7 provides the DC absolute maximum operating conditions.
CAUTION
Stresses beyond those listed under Table 7 may cause permanent
damage to the device.
Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
Table 6 gives stress ratings only—functional operation of the device is
not implied beyond the conditions indicated in Table 8.
DCDC_BATTERY
This pin is an input of i.MX28 that provides supply to the DCDC converter. It should be
connected to the battery with minimal resistance. See the “Power Supply” section of the
reference manual for details.
XTALI
XTALO
These analog pins are connected to an external 24 MHz crystal circuit. This crystal provides the
clock source for on-chip PLLs.
RTC_XTALO
RTC_XTALI
These analog pins are connected to an external 32.768/32.0 kHz crystal circuit. This crystal
provides clock source to the on-chip real-time counter circuits.
RESETN
This pin resets the chip if it is low. This pin is pulled up to VDDIO33 with an internal 10 kohm
resistor. No external pull up resistors are needed.
DEBUG
This pin is used for JTAG interface.
DEBUG=0: JTAG interface works for boundary scan.
DEBUG=1: JTAG interface works for ARM debugging.
TESTMODE
For Freescale factory use only. Must be externally connected to GND for normal operation.
Table 6. DC Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Battery Pin
BATT, VDD4P2V
–0.3
4.242
V
5-Volt Source Pin - transient, t<30ms, duty cycle <0.05%
VDD5V
–0.3
7.00
V
5 Volt Source Pin - static
VDD5V
–0.3
6.00
V
PSWITCH1
—–0.3
BATT/2
V
Table 5. Signal Considerations (continued)
Signal
Descriptions


Similar Part No. - MCIMX286DVM4B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX286DVM4B NXP-MCIMX286DVM4B Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
More results

Similar Description - MCIMX286DVM4B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
   i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
   i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
   i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
   i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1170CEC NXP-IMXRT1170CEC Datasheet
1Mb / 128P
   i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
Rev. 1, 05/2021
IMXRT1024CEC NXP-IMXRT1024CEC Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
   i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com