Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3BS02G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE3BS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BS02G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE3BS02G Datasheet HTML 6Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 7Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 9Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 10Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 11Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 12Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 13Page - Infineon Technologies AG ICE3BS02G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.2
10
02 Sep 2005
3.4
PWM Section
Figure 7
PWM Section
3.4.1
Oscillator
The oscillator generates a fixed frequency. The switching
frequency for ICE3AS02/G is fOSC = 100kHz and for
ICE3BS02/G fOSC = 67kHz. A resistor, a capacitor and a
current source and current sink which determine the
frequency are integrated. The charging and discharging
current of the implemented oscillator capacitor are internally
trimmed, in order to achieve a very accurate switching
frequency. The ratio of controlled charge to discharge
current is adjusted to reach a maximum duty cycle limitation
of Dmax=0.72.
3.4.2
PWM-Latch FF1
The oscillator clock output provides a set pulse to the PWM-
Latch when initiating the external Power Switch conduction.
After setting the PWM-Latch can be reset by the PWM
comparator, the Soft Start comparator or the Current-Limit
comparator. In case of resetting, the driver is shut down
immediately.
3.4.3
Gate Driver
The Gate Driver is a fast totem pole gate drive which is
designed to avoid cross conduction currents and which is
equipped with a zener diode Z1 (see Figure 8) in order to
improve the control of the Gate attached power transistors as
well as to protect them against undesirable gate
overvoltages.
Figure 8
Gate Driver
The driver-stage is optimized to minimize EMI and to
provide high circuit efficiency. This is done by reducing the
switch on slope when exceeding the external Power Switch
threshold. This is achieved by a slope control of the rising
edge at the driver’s output (see Figure 9).
Figure 9
Gate Rising Slope
Thus the leading switch on spike is minimized. When the
external Power Switch is switched off, the falling shape of
the driver is slowed down when reaching 2V to prevent an
overshoot below ground. Furthermore the driver circuit is
designed to eliminate cross conduction of the output stage.
During powerup when VCC is below the undervoltage
lockout threshold VVCCoff, the output of the Gate Driver is
low to disable power transfer to the secondary side.
Oscillator
Duty
Cycle
max
Gate
Driver
0.72
Clock
&
G9
1
G8
PWM Section
FF1
R
S
Q
Gate
Soft Start
Comparator
PWM
Comparator
Current
Limiting
Z1
VCC
1
PWM-Latch
Gate
t
V
Gate
5V
C
Load = 1nF
ca. t = 130ns


Similar Part No. - ICE3BS02G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BS02G INFINEON-ICE3BS02G Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
More results

Similar Description - ICE3BS02G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3AS02 INFINEON-ICE3AS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02L INFINEON-ICE3BS02L Datasheet
506Kb / 21P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Version 1.1, 28 Sep 2005
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com