Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3GS03LJG Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE3GS03LJG
Description  Of f-Line SMPS Current Mode Controller wi th integrated 500V Startup Cell
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3GS03LJG Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE3GS03LJG Datasheet HTML 7Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 8Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 9Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 10Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 11Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 12Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 13Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 14Page - Infineon Technologies AG ICE3GS03LJG Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
F3 PWM controller
ICE3GS03LJG
Functional Description
Version 2.0
11
1 Nov 2010
decrease gradually and the duty ratio of the gate drive
increases gradually. The Soft Start will be finished in
10ms (tSoft-Start) after the IC is switched on. At the end of
the Soft Start period, the current sink is switched off.
Figure 12 Gate drive signal under Soft-Start Phase
Within the soft start period, the duty cycle is increasing
from zero to maximum gradually (see Figure 12).
Figure 13
Start Up Phase
In addition to Start-Up, Soft-Start is also activated at
each restart attempt during Auto Restart.
The Start-Up time tStart-Up before the converter output
voltage VOUT is settled, must be shorter than the Soft-
Start Phase tSoft-Start (see Figure 13).
By means of Soft-Start there is an effective
minimization of current and voltage stresses on the
external power MOSFET, the clamp circuit and the
output overshoot and it helps to prevent saturation of
the transformer during Start-Up.
3.5
PWM Section
Figure 14
PWM Section Block
3.5.1
Oscillator
The oscillator generates a fixed frequency of 130kHz
with frequency jittering of ±4% (which is ±5.2kHz) at a
jittering period of 4ms.
A capacitor, a current source and a current sink which
determine the frequency are integrated. The charging
and discharging current of the implemented oscillator
capacitor are internally trimmed, in order to achieve a
very accurate switching frequency. The ratio of
controlled charge to discharge current is adjusted to
reach a maximum duty cycle limitation of Dmax=0.75.
Once the Soft Start period is over and when the IC goes
into normal operating mode, the switching frequency of
the clock is varied by the control signal from the Soft
t
VSOFTS32
VSoftS
Gate
Driver
t
tSoft-Start
t
t
VSoftS
t
VSOFTS32
4.2V
tSoft-Start
VOUT
VFB
VOUT
tStart-Up
Oscillator
Duty Cycle
max
Gate Driver
0.75
Clock
&
G9
1
G8
PWM Section
FF1
R
S
Q
Soft Start
Comparator
PWM
Comparator
Current
Limiting
Frequency
Jitter
Soft Start
Block
Gate


Similar Part No. - ICE3GS03LJG

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ICE3-8IOL-G65L-V1D PF-ICE3-8IOL-G65L-V1D Datasheet
998Kb / 4P
   IO-Link master (PNIO/MOD)
ICE3-8IOL-G65L-V1D-Y PF-ICE3-8IOL-G65L-V1D-Y Datasheet
1Mb / 4P
   IO-Link master (PNIO/MOD)
2022-12-12
ICE3-8IOL-K45P-RJ45 PF-ICE3-8IOL-K45P-RJ45 Datasheet
1Mb / 4P
   IO-Link master (PNIO/MOD)
ICE3-8IOL-K45S-RJ45 PF-ICE3-8IOL-K45S-RJ45 Datasheet
1Mb / 4P
   IO-Link master (PNIO/MOD)
logo
Icemos Technology
ICE30N080W ICEMOS-ICE30N080W Datasheet
588Kb / 8P
   Enhancement Mode MOSFET
More results

Similar Description - ICE3GS03LJG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3AS02 INFINEON-ICE3AS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02L INFINEON-ICE3BS02L Datasheet
506Kb / 21P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Version 1.1, 28 Sep 2005
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR1580VJZ INFINEON-ICE3AR1580VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR0680VJZ INFINEON-ICE3AR0680VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com