Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX538DZK1C Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PCIMX538DZK1C
Description  Applications Processors for Consumer Products
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX538DZK1C Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PCIMX538DZK1C Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX538DZK1C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
4
Freescale Semiconductor
Introduction
External memory interfaces:
— 16/32-bit DDR2-800, LV-DDR2-800 or DDR3-800 up to 2 Gbyte
— 32-bit LPDDR2
— 8/16-bit NAND SLC/MLC Flash, up to 66 MHz, 4/8/14/16-bit ECC
— 8/16-bit NOR Flash, PSRAM, and cellular RAM.
— 32-bit multiplexed mode NOR Flash, PSRAM & cellular RAM.
— 8-bit Asynchronous (DTACK mode) EIM interface.
— All EIM pins are muxed on other interfaces (data with NFC pins). I/O muxing logic selects EIM
port, as primary muxing at system boot.
— Samsung OneNAND™ and managed NAND including eMMC up to rev 4.4 (in muxed I/O
mode)
The i.MX53xD system is built around the following system on chip interfaces:
64-bit AMBA AXI v1.0 bus—used by ARM platform, multimedia accelerators (such as VPU, IPU,
GPU3D, GPU2D) and the external memory controller (EXTMC) operating at 200 MHz.
32-bit AMBA AHB 2.0 bus—used by the rest of the bus master peripherals operating at 133 MHz.
32-bit IP bus—peripheral bus used for control (and slow data traffic) of the most system peripheral
devices operating at 66 MHz.
The i.MX53xD makes use of dedicated hardware accelerators to achieve state-of-the-art multimedia
performance. The use of hardware accelerators provides both high performance and low power
consumption while freeing up the CPU core for other tasks.
The i.MX53xD incorporates the following hardware accelerators:
VPU, version 3—video processing unit
GPU3D—3D graphics processing unit, OpenGL ES 2.0, version 3, 33 Mtri/s, 200 Mpix/s, and
800 Mpix/s z-plane performance, 256 Kbyte RAM memory
GPU2D—2D graphics accelerator, OpenVG 1.1, version 1, 200 Mpix/s performance,
IPU, version 3M—image processing unit
ASRC—asynchronous sample rate converter
The i.MX53xD includes the following interfaces to external devices:
NOTE
Not all interfaces are available simultaneously, depending on I/O
multiplexer configuration.
Hard disk drives:
— PATA, up to U-DMA mode 5, 100 MByte/s
— SATA I, 1.5 Gbps
•Displays:
— Five interfaces available. Total rate of all interfaces is up to 180 Mpixels/s, 24 bpp. Up to two
interfaces may be active at once.


Similar Part No. - PCIMX538DZK1C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PCIMX538DZK1B FREESCALE-PCIMX538DZK1B Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
More results

Similar Description - PCIMX538DZK1C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com