Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8245MLD Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC56F8245MLD
Description  Digital Signal Controller Battery chargers and management
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8245MLD Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC56F8245MLD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC56F8245MLD Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
MC56F825x/MC56F824x Digital Signal Controller, Rev. 3
Overview
Freescale Semiconductor
8
Up to 54 general-purpose I/O (GPIO) pins
— 5 V tolerant I/O
— Individual control for each pin to be in peripheral or GPIO mode
— Individual input/output direction control for each pin in GPIO mode
— Individual control for each output pin to be in push-pull mode or open-drain mode
— Hysteresis and configurable pullup device on all input pins
— Ability to generate interrupt with programmable rising or falling edge and software interrupt
— Configurable drive strength: 4 mA / 8 mA sink/source current
JTAG/EOnCE debug programming interface for real-time debugging
— IEEE 1149.1 Joint Test Action Group (JTAG) interface
— EOnCE interface for real-time debugging
2.1.6
Power Saving Features
Low-speed run, wait, and stop modes: as low as 781 Hz clock provided by OCCS and internal ROSC
Large regulator standby mode available for reducing power consumption at low-speed mode
Less than 30 µs typical wakeup time from stop modes
Each peripheral can be individually disabled to save power
2.2
Award-Winning Development Environment
Processor Expert (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use component-based software
application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment (IDE) is a sophisticated tool for code navigation, compiling, and
debugging. A complete set of evaluation modules (EVMs), demonstration board kit, and development system cards supports
concurrent engineering. Together, PE, CodeWarrior, and EVMs create a complete, scalable tools solution for easy, fast, and
efficient development.
2.3
Architecture Block Diagram
The MC56F825x/MC56F824x’s architecture appears in Figure 1 and Figure 2. Figure 1 illustrates how the 56800E system
buses communicate with internal memories and the IP bus interface as well as the internal connections among the units of the
56800E core.


Similar Part No. - MC56F8245MLD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC56F82313 NXP-MC56F82313 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82313VLC NXP-MC56F82313VLC Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82316 NXP-MC56F82316 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82316VLF NXP-MC56F82316VLF Datasheet
1Mb / 68P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82323 NXP-MC56F82323 Datasheet
433Kb / 2P
   Half the power with twice the performance for energy-efficient applications
REV 0
More results

Similar Description - MC56F8245MLD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONTROLLER FOR BATTERY CHARGERS
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
   Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com