Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33882PEP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC33882PEP
Description  Six Output Low Side Switch with SPI and Parallel Input Control
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33882PEP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33882PEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33882PEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SIX OUTPUT LOW SIDE SWITCH
VW SUFFIX
(PB-FREE)
98ASH70693A
30-PIN HSOP
33882
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33882PVW/R2
-40 to 125 °C
30 HSOP
MC33882PEP/R2
32 QFN
PC33882EK/R2
32 SOIC-EP
EP SUFFIX
(PB-FREE)
98ARH99032A
32-PIN QFN
EK SUFFIX
(PB-FREE)
98ARL10543D
32-PIN SOIC
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33882
Rev. 7.0, 3/2011
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006 -2011. All rights reserved.
Six Output Low Side Switch with
SPI and Parallel Input Control
The 33882 is a smart six output low side switch able to control
system loads up to 1.0 A. The six outputs can be controlled via both
serial peripheral interface (SPI) and parallel input control, making the
device attractive for fault-tolerant system applications. There are two
additional 30 mA low side switches with SPI diagnostic reporting (with
parallel input control only).
The 33882 is designed to interface directly with industry standard
microcontrollers via SPI to control both inductive and incandescent
loads. Outputs are configured as open-drain power MOSFETs
incorporating internal dynamic clamping and current limiting. The
device has multiple monitoring and protection features, including low
standby current, fault status reporting, internal 52 V clamp on each
output, output specific diagnostics, and protective shutdown. In
addition, it has a mode select pin affording a dual means of input
control.
Features
• Outputs clamped for switching inductive loads
• Very low operational bias currents (< 2.0 mA)
• CMOS input logic compatible with 5.0 V logic levels
• Load dump robust (60 V transient at VPWR on OUT0–OUT5)
• Daisy chain operation of multiple devices possible
• Switch outputs can be paralleled for higher currents
•RDS(ON) of 0.4 Ω per output (25 °C) at 13 V VPWR
• SPI operation guaranteed to 2.0 MHz
VPWR
VDD
CS
SCLK
SI
SO
IN0
MODE
IN1
IN2
IN3
IN4
IN5
IN6
IN7
OUT0
OUT1
OUT3
OUT4
OUT5
OUT6
OUT7
IN0 & IN1
IN2 & IN3
IN4 & IN5
GND
33882
MCU
VDD
VPWR
Optional Parallel
Control of
Outputs 0 through 7
High Power
Outputs
Low Power
LED
Outputs
Optional Control
of Paired Outputs
Figure 1. 33882 Simplified Application Diagram


Similar Part No. - MC33882PEP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33882PEP NXP-MC33882PEP Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results

Similar Description - MC33882PEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882_09 Datasheet
796Kb / 27P
   Six-Output Low-Side Switch
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com