Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JF64VLF Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF51JF64VLF
Description  Advance Information Temperature range (ambient): -40째C to 105째C
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JF64VLF Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF51JF64VLF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF51JF64VLF Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
consuming power. Examples are: if no system clock is present, or if clock rate is very low (which would reduce overall
power consumption).
5.2.2 LVD and POR operating requirements
Table 2. LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
TBD
1.1
TBD
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
TBD
2.56
TBD
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
2.70
2.80
2.90
3.00
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSH
Low-voltage inhibit reset/recover hysteresis —
high range
60
TBD
mV
VLVDL
Falling low-voltage detect threshold — low range
(LVDV=00)
TBD
1.60
TBD
V
VLVW1L
VLVW2L
VLVW3L
VLVW4L
Low-voltage warning thresholds — low range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
1.80
1.90
2.00
2.10
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSL
Low-voltage inhibit reset/recover hysteresis —
low range
40
TBD
mV
VBG
Bandgap voltage reference
TBD
1.00
TBD
V
tLPO
Internal low power oscillator period
factory trimmed
TBD
1000
TBD
μs
1. Rising thresholds are falling threshold + hysteresis voltage
Nonswitching electrical specifications
MCF51JF128 Advance Information Data Sheet, Rev. 2, 05/2011.
Freescale Semiconductor, Inc.
Preliminary
11


Similar Part No. - MCF51JF64VLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JF64VLF FREESCALE-MCF51JF64VLF Datasheet
1Mb / 73P
   MCF51JF128
More results

Similar Description - MCF51JF64VLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com