Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51QM128 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF51QM128
Description  Advance Information Temperature range (ambient): -40째C to 105째C
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QM128 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF51QM128 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51QM128 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
0.90
0.95
1.00
1.05
1.10
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
150 °C
105 °C
25 °C
–40 °C
VDD (V)
TJ
Ratings
4.1 Thermal handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
TSTG
Storage temperature
–55
150
°C
1
TSDR
Solder temperature, lead-free
260
°C
2
Solder temperature, leaded
245
1. Determined according to JEDEC Standard JESD22-A103, High Temperature Storage Life.
2. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
3
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4
Ratings
MCF51QM128 Advance Information Data Sheet, Rev. 2, 05/2011.
8
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - MCF51QM128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VHS FREESCALE-MCF51QM128VHS Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128VLH FREESCALE-MCF51QM128VLH Datasheet
1Mb / 71P
   MCF51QM128
MCF51QM128 FREESCALE-MCF51QM128_12 Datasheet
1Mb / 71P
   MCF51QM128
More results

Similar Description - MCF51QM128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com