Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX27L Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # I.MX27L
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27L Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button I.MX27L_11 Datasheet HTML 51Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 52Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 53Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 54Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 55Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 56Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 57Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 58Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
Freescale Semiconductor
55
Electrical Characteristics
Table 23. CSPI Interface Timing Parameters
ID
Num
Parameter Description
Symbol
Minimum
Maximum
Units
t1
CSPI master SCLK cycle time
tclko
45.12
-
ns
t2
CSPI master SCLK high time
tclkoH
22.65
ns
t3
CSPI master SCLK low time
tclkoL
22.47
ns
t1’
CSPI slave SCLK cycle time
tclki
60.2
ns
t2’
CSPI slave SCLK high time
tclkiH
30.1
ns
t3’
CSPI slave SCLK low time
tclkiL
30.1
ns
t4
CSPI SCLK transition time
tpr
1
1 The output SCLK transition time is tested with 25 pF drive.
2.6
8.5
ns
t5
SSn output pulse width
tWsso
2Tsclk
2 +T
wait
3
2 T
sclk = CSPI clock period
3 T
wait = Wait time as per the Sample Period Control Register value.
——
t5’
SSn input pulse width
tWssi
Tper
4
4 T
per = CSPI reference baud rate clock period (PERCLK2)
——
t6
SSn output asserted to first SCLK edge (SS output
setup time)
tSsso
3Tsclk
——
t6’
SSn input asserted to first SCLK edge (SS input
setup time)
tSssi
Tper + 20 ns
t7
CSPI master: Last SCLK edge to SSn deasserted
(SS output hold time)
tHsso
2Tsclk
——
t7’
CSPI slave: Last SCLK edge to SSn deasserted
(SS input hold time)
tHssi
30
ns
t8
CSPI master: CSPI1_RDY low to SSn asserted
(CSPI1_RDY setup time)
tSrdy
2Tper
5Tper
t9
CSPI master: SSn deasserted to CSPI1_RDY low
tHrdy
0—
ns
t10
Output data setup time
tSdatao
(tclkoL or tclkoH or
tclkiL or tclkiH) -
Tipg
5
5 T
ipg = CSPI main clock IPG_CLOCK period
——
t11
Output data hold time
tHdatao
tclkoL or tclkoH or
tclkiL or tclkiH
——
t12
Input data setup time
tSdatai
Tipg + 0.5
ns
t13
Input data hold time
tHdatai
5—
ns
Note:


Similar Part No. - I.MX27L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
i.MX27L FREESCALE-i.MX27L Datasheet
2Mb / 148P
   Multimedia Applications Processor
More results

Similar Description - I.MX27L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com