Selected language     English  ▼


I.MX27L_11 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. I.MX27L_11
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

 6 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
6
Freescale Semiconductor
Functional Description and Application Information
AUDMUX
Digital Audio
Multiplexer
Multimedia
Peripheral
The AUDMUX interconnections allow multiple, simultaneous
audio/voice/data flows between the ports in point-to-point or
point-to-multipoint configurations.
2.3.6/11
CRM
Clock and
Reset Module
Clock and
Reset Control
The CRM generates clock and reset signals used throughout
the i.MX27/MX27L processors and also for external
peripherals.
2.3.7/12
CSI
CMOS Sensor
Interface
Multimedia
Interface
The CSI is a logic interface which enables the i.MX27/MX27L
processors to connect directly to external CMOS sensors and
a CCIR656 video source.
2.3.8/12
CSPI
Configurable
Serial Peripheral
Interface (x3)
Connectivity
Peripheral
The i.MX27/MX27L processors have three CSPI modules.
CSPI is equipped with two data FIFOs and is a master/slave
configurable serial peripheral interface module, allowing the
i.MX27/MX27L processors to interface with both external SPI
master and slave devices.
2.3.9/13
DMAC
Direct Memory
Access
Controller
Standard
System
Resource
The DMAC of the i.MX27/MX27L processors provides 16
channels supporting linear memory, 2D memory, FIFO and
end-of-burst enable FIFO transfers to support a wide variety of
DMA operations.
2.3.10/13
eMMA_lt
eMMA_lt
H/W
Accelerator
Functions
eMMA_lt consists of a PreProcessor and PostProcessor, and
provides video acceleration. The PrP and PP can be used for
generic video pre and post processing such as scaling,
resizing, and color space conversions.
2.3.11/13
EMI
External
Memory
Interface
Memory
Interface (EMI)
The EMI includes
• Multi-Master Memory Interface (M3IF)
• Enhanced SDRAM/MDDR memory controller (ESDRAMC)
• PCMCIA memory controller (PCMCIA)
• NAND Flash Controller (NFC)
• Wireless External Interface Module (WEIM)
ESDRAMC
Enhanced
SDRAM
Controller
External
Memory
Interface
The ESDRAMC provides interface and control for synchronous
DRAM memories for the system.
2.3.12/15
FEC
Fast Ethernet
Controller
Connectivity
Peripheral
The FEC performs the full set of IEEE 802.3/Ethernet
CSMA/CD media access control and channel interface
functions. The FEC supports connection and functionality for
the 10/100 Mbps 802.3 media independent interface (MII). It
requires an external transceiver (PHY) to complete the
interface to the media.
2.3.13/15
GPIO
General
Purpose I/O
Module
Pins
The GPIO provides 32 bits of bidirectional, general purpose
I/O. This peripheral provides dedicated general-purpose pins
that can be configured as either inputs or outputs.
2.3.14/16
GPT
General
Purpose Timer
Timer
Peripheral
The GPT is a multipurpose module used to measure intervals
or generate periodic output.
2.3.15/16
I2C
Inter IC
Communication
Connectivity
Peripheral
The I2C provides serial interface to control the sensor interface
and other external devices. Data rates of up to 100 Kbits/s are
supported.
2.3.16/17
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl