Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX27MJP4A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX27MJP4A
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX27MJP4A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX27MJP4A Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX27MJP4A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
6
Freescale Semiconductor
Functional Description and Application Information
AUDMUX
Digital Audio
Multiplexer
Multimedia
Peripheral
The AUDMUX interconnections allow multiple, simultaneous
audio/voice/data flows between the ports in point-to-point or
point-to-multipoint configurations.
2.3.6/11
CRM
Clock and
Reset Module
Clock and
Reset Control
The CRM generates clock and reset signals used throughout
the i.MX27/MX27L processors and also for external
peripherals.
2.3.7/12
CSI
CMOS Sensor
Interface
Multimedia
Interface
The CSI is a logic interface which enables the i.MX27/MX27L
processors to connect directly to external CMOS sensors and
a CCIR656 video source.
2.3.8/12
CSPI
Configurable
Serial Peripheral
Interface (x3)
Connectivity
Peripheral
The i.MX27/MX27L processors have three CSPI modules.
CSPI is equipped with two data FIFOs and is a master/slave
configurable serial peripheral interface module, allowing the
i.MX27/MX27L processors to interface with both external SPI
master and slave devices.
2.3.9/13
DMAC
Direct Memory
Access
Controller
Standard
System
Resource
The DMAC of the i.MX27/MX27L processors provides 16
channels supporting linear memory, 2D memory, FIFO and
end-of-burst enable FIFO transfers to support a wide variety of
DMA operations.
2.3.10/13
eMMA_lt
eMMA_lt
H/W
Accelerator
Functions
eMMA_lt consists of a PreProcessor and PostProcessor, and
provides video acceleration. The PrP and PP can be used for
generic video pre and post processing such as scaling,
resizing, and color space conversions.
2.3.11/13
EMI
External
Memory
Interface
Memory
Interface (EMI)
The EMI includes
• Multi-Master Memory Interface (M3IF)
• Enhanced SDRAM/MDDR memory controller (ESDRAMC)
• PCMCIA memory controller (PCMCIA)
• NAND Flash Controller (NFC)
• Wireless External Interface Module (WEIM)
ESDRAMC
Enhanced
SDRAM
Controller
External
Memory
Interface
The ESDRAMC provides interface and control for synchronous
DRAM memories for the system.
2.3.12/15
FEC
Fast Ethernet
Controller
Connectivity
Peripheral
The FEC performs the full set of IEEE 802.3/Ethernet
CSMA/CD media access control and channel interface
functions. The FEC supports connection and functionality for
the 10/100 Mbps 802.3 media independent interface (MII). It
requires an external transceiver (PHY) to complete the
interface to the media.
2.3.13/15
GPIO
General
Purpose I/O
Module
Pins
The GPIO provides 32 bits of bidirectional, general purpose
I/O. This peripheral provides dedicated general-purpose pins
that can be configured as either inputs or outputs.
2.3.14/16
GPT
General
Purpose Timer
Timer
Peripheral
The GPT is a multipurpose module used to measure intervals
or generate periodic output.
2.3.15/16
I2C
Inter IC
Communication
Connectivity
Peripheral
The I2C provides serial interface to control the sensor interface
and other external devices. Data rates of up to 100 Kbits/s are
supported.
2.3.16/17
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page


Similar Part No. - MCIMX27MJP4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27MJP4A FREESCALE-MCIMX27MJP4A Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27MJP4A NXP-MCIMX27MJP4A Datasheet
1Mb / 154P
   Multimedia Applications Processor
More results

Similar Description - MCIMX27MJP4A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com