Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8HP21130HR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF8HP21130HR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8HP21130HR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF8HP21130HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8HP21130HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MRF8HP21130HR3 MRF8HP21130HSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
2060
Gps
ACPR
f, FREQUENCY (MHz)
Figure 3. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 28 Watts Avg.
--2.8
--2
--2.2
--2.4
--2.6
12.8
14.8
14.6
14.4
--37
48
47
46
45
--32
--33
--34
--35
ηD
14.2
14
13.8
13.6
13.4
13.2
13
2080
2100
2120
2140
2160
2180
2200 2220
44
--36
--3
PARC
Figure 4. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
--10
--20
--30
--50
1
100
--40
IM3--U
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 52 W (PEP), IDQB = 360 mA
VGSA = 0.4 Vdc, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 2140 MHz
Figure 5. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
--1
--3
--5
20
0
--2
--4
10
30
40
60
0
60
50
40
30
20
10
--3 dB = 34 W
50
ηD
ACPR
PARC
--45
--15
--20
--25
--35
--30
--40
15
14.5
14
13.5
13
12.5
12
Gps
VDD =28 Vdc,IDQB = 360 mA, VGSA =0.4 Vdc
f = 2140 MHz, Single--Carrier W--CDMA
Input Signal PAR = 9.9 dB
@ 0.01% Probability on CCDF
VDD =28 Vdc,Pout =28 W (Avg.),IDQB = 360 mA, VGSA =0.4 Vdc
2--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
3.84 MHz Channel Bandwidth, Input Signal
PAR = 9.9 dB @ 0.01% Probability on CCDF
--2 dB = 26 W
--1 dB = 17 W


Similar Part No. - MRF8HP21130HR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF8HP21080H NXP-MRF8HP21080H Datasheet
584Kb / 14P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 6/2011
MRF8HP21080HR3 NXP-MRF8HP21080HR3 Datasheet
584Kb / 14P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 6/2011
MRF8HP21080HSR3 NXP-MRF8HP21080HSR3 Datasheet
584Kb / 14P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 6/2011
More results

Similar Description - MRF8HP21130HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com