Electronic Components Datasheet Search |
|
MRF8P20140WHSR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MRF8P20140WHSR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 15 page MRF8P20140WHR3 MRF8P20140WHSR3 3 RF Device Data Freescale Semiconductor Table 4. Electrical Characteristics (TA =25°C unless otherwise noted) (continued) Characteristic Symbol Min Typ Max Unit Typical Performances (1) (In Freescale Doherty Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 500 mA, VGSB =1.2 Vdc, 1880--2025 MHz Bandwidth Pout @ 1 dB Compression Point, CW P1dB — 140 — W Pout @ 3 dB Compression Point (2) P3dB — 170 (3) — W IMD Symmetry @ 24 W PEP, Pout where IMD Third Order Intermodulation 30 dBc (Delta IMD Third Order Intermodulation between Upper and Lower Sidebands > 2 dB) IMDsym — 133 — MHz VBW Resonance Point (IMD Third Order Intermodulation Inflection Point) VBWres — 240 — MHz Gain Flatness in 145 MHz Bandwidth @ Pout =24 W Avg. GF — 0.25 — dB Gain Variation over Temperature (--30°Cto+85°C) ∆G — 0.013 — dB/°C Output Power Variation over Temperature (--30°Cto+85°C) (3) ∆P1dB — 0.003 — dB/°C 1. Measurement made with device in a Symmetrical Doherty configuration. 2. P3dB = Pavg + 7.0 dB where Pavg is the average output power measured using an unclipped W--CDMA single--carrier input signal where output PAR is compressed to 7.0 dB @ 0.01% probability on CCDF. 3. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table. |
Similar Part No. - MRF8P20140WHSR3 |
|
Similar Description - MRF8P20140WHSR3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |