Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80310 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 80310
Description  Alternator Regulator with LIN High side field driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

80310 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  80310 Datasheet HTML 1Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 2Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 3Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 4Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 5Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 6Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 7Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 8Page - Freescale Semiconductor, Inc 80310 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
80310
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device. TA = 25 °C, unless otherwise stated.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
B+A Supply Pin
DC Voltage
Load Dump Transient Voltage (ISO7637-2)
VB+CONT
VB+TRANS
27
40
V
V
Maximum Reverse B+A Voltage(1)
(5 seconds)
V-B+A
-2.4
V
Maximum Excitation Current at TJ = 150 oC(2)
IEXC
5.0
A
Maximum Excitation Current at TJ = 25 oC
IEXC
8.0
A
Recirculation Diode Peak Current
8.0
A
Recirculation Diode Reverse Voltage
40
V
PHASE Input Voltage Range
VPHASE
±40
V
BUS Pin Input Range
-2.0 to +40
V
ESD Voltage(3)
Human Body Model - All Pins (MIL std 883C)(4)
Machine Model - All Pins
Accessible Pins (EN61.000-4-2) When Mounted on the Alternator (BUS &
B+A) by Contact Discharge
Air Discharges When Mounted on the Alternator(5)
VESD1
VESD2
VESD3
VESD4
±6000
±200
±8000
±15000
V
Standard Transient Pulses ISO7637-1 & -3
Level
150
V
THERMAL RATINGS
Storage Temperature
TSTOR
-45 to +150
°C
Operating Junction Temperature(6)
TJ
-40 to +150
°C
Thermal Shutdown Temperature
TJ-TSD
185
°C
Thermal Shutdown Hysteresis
TTSD-HYST
10
°C
Notes
1.
Not tested. Depends on package and bonding.
2.
Characterized at 150°C but not production tested
3.
Testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), Charge Device Model, Robotic
(CZAP = 4.0 pF), or the EN61000-4-2 specification (CZAP = 150 pF, RZAP = 330 Ω).
4.
Except Phase1 and Phase2 (+/-5000 V)
5.
Product Powered. ESD done on pulley, B+ and metal alternator case (CZAP = 330 pF, RZAP = 2.0 kΩ)
6.
Guaranteed by Design.


Similar Part No. - 80310

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
   Alternator Regulator with LIN
More results

Similar Description - 80310

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
   Alternator Regulator with LIN
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
   Alternator regulator with LIN
Rev. 5.1-12 October 2017
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
   Alternator regulator with LIN
Rev. 5.0, 8/2016
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
   LIN Controlled Alternator Voltage Regulator
logo
Infineon Technologies A...
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
   Flexible LIN alternator regulator IC family
09 / 2019
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
   Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
   Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
logo
STMicroelectronics
L9918 STMICROELECTRONICS-L9918 Datasheet
1Mb / 109P
   Alternator voltage regulator with LIN interface for 12 V applications
logo
ON Semiconductor
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
   Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com