Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16T245DGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AVC16T245DGG
Description  16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC16T245DGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC16T245DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 9Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 10Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 11Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 12Page - NXP Semiconductors 74AVC16T245DGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
74AVC16T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 June 2011
9 of 28
NXP Semiconductors
74AVC16T245
16-bit dual supply translating transceiver; 3-state
VIL
LOW-level
input voltage
data input
VCCI = 0.8 V
-
0.30VCCI
-
0.30VCCI
V
VCCI = 1.1 V to 1.95 V
-
0.35VCCI
-
0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
nDIR, nOE input
VCC(A) = 0.8 V
-
0.30VCC(A)
-
0.30VCC(A) V
VCC(A) = 1.1 V to 1.95 V
-
0.35VCC(A)
-
0.35VCC(A) V
VCC(A) = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCC(A) = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = 100 A;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
VCCO  0.1
-
VCCO  0.1
-
V
IO = 3mA;
VCC(A) =VCC(B) =1.1 V
0.85
-
0.85
-
V
IO = 6mA;
VCC(A) =VCC(B) =1.4 V
1.05
-
1.05
-
V
IO = 8mA;
VCC(A) =VCC(B) =1.65 V
1.2
-
1.2
-
V
IO = 9mA;
VCC(A) =VCC(B) =2.3 V
1.75
-
1.75
-
V
IO = 12 mA;
VCC(A) =VCC(B) =3.0 V
2.3
-
2.3
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 100 A;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-0.1
-
0.1
V
IO = 3 mA; VCC(A) =VCC(B) = 1.1 V
-
0.25
-
0.25
V
IO = 6 mA; VCC(A) =VCC(B) = 1.4 V
-
0.35
-
0.35
V
IO = 8 mA;
VCC(A) =VCC(B) =1.65 V
-
0.45
-
0.45
V
IO = 9 mA; VCC(A) =VCC(B) = 2.3 V
-
0.55
-
0.55
V
IO = 12 mA;
VCC(A) =VCC(B) =3.0 V
-0.7
-
0.7
V
II
input leakage
current
nDIR, nOE input; VI = 0 V or 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
1-
5
A
IOZ
OFF-state
output current
A or B port; VO =0 V or VCCO;
VCC(A) =VCC(B) =3.6 V
[3]
-
5-
30
A
suspend mode A port;
VO =0V orVCCO; VCC(A) = 3.6 V;
VCC(B) =0V
[3]
-
5-
30
A
suspend mode B port;
VO =0V orVCCO; VCC(A) =0 V;
VCC(B) =3.6 V
[3]
-
5-
30
A
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max


Similar Part No. - 74AVC16T245DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16T245DGG NEXPERIA-74AVC16T245DGG Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI1-74AVC16T245DGGRE4 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Similar Description - 74AVC16T245DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
NXP Semiconductors
74AVC16T245 PHILIPS-74AVC16T245_15 Datasheet
345Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 6-9 September 2013
74AVCH16T245 PHILIPS-74AVCH16T245_15 Datasheet
379Kb / 29P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-1 March 2012
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com