Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO4350B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # RO4350B
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RO4350B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  RO4350B Datasheet HTML 1Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 2Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 3Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 4Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 5Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 6Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 7Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 8Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MRF6V13250HR3 MRF6V13250HSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
RF Power transistors designed for applications operating at 1300 MHz.
These devices are suitable for use in pulsed and CW applications.
• Typical Performance: VDD =50 Volts,IDQ = 100 mA
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
IRL
(dB)
Pulsed (200 μsec,
10% Duty Cycle)
250 Peak
1300
22.7
57.0
--18
• Typical Performance: VDD =50 Volts,IDQ =10 mA, TC =25°C
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
IRL
(dB)
CW
230 CW
1300
21.0
55.0
--17
• Capable of Handling a Load Mismatch of 10:1 VSWR, @ 50 Vdc, 1300 MHz
at all Phase Angles
• 250 Watts Pulsed Peak Power, 10% Duty Cycle, 200 μsec
• CW Capable
Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• Internally Matched for Ease of Use
• Qualified Up to a Maximum of 50 VDD Operation
• Characterized from 20 V to 50 V for Extended Power Range
• Integrated ESD Protection
• Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units, 56 mm Tape Width, 13 inch Reel.
For R5 Tape and Reel options, see p. 12.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +120
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Total Device Dissipation @ TC =25°C
Derate above 25°C
PD
476
2.38
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Pulsed: Case Temperature 65°C, 250 W Pulsed, 200 μsec Pulse Width, 10% Duty
Cycle, 50 Vdc, IDQ = 100 mA, 1300 MHz
CW: Case Temperature 77°C, 235 W CW, 50 Vdc, IDQ = 10 mA, 1300 MHz
ZθJC
RθJC
0.07
0.42
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
1300 MHz, 250 W, 50 V
LATERAL N--CHANNEL
RF POWER MOSFETs
MRF6V13250HR3
MRF6V13250HSR3
CASE 465--06, STYLE 1
NI--780
MRF6V13250HR3
CASE 465A--06, STYLE 1
NI--780S
MRF6V13250HSR3
Document Number: MRF6V13250H
Rev. 0, 6/2011
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2011. All rights reserved.


Similar Part No. - RO4350B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
RO4350B FREESCALE-RO4350B Datasheet
985Kb / 21P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
RO4350B NXP-RO4350B Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
logo
Freescale Semiconductor...
RO4350B FREESCALE-RO4350B Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
RO4350B NXP-RO4350B Datasheet
377Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 12/2013
logo
Freescale Semiconductor...
RO4350B FREESCALE-RO4350B Datasheet
437Kb / 15P
   RF Power LDMOS Transistors
More results

Similar Description - RO4350B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com