Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTN16245BDGG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVTN16245BDGG
Description  3.3 V 16-bit transceiver; 3-state Output capability: 64 mA and ??2 mA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245BDGG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVTN16245BDGG Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 9Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 10Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 11Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 12Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 13Page - NXP Semiconductors 74LVTN16245BDGG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74LVTN16245B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 15 June 2011
10 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
11. Waveforms
Measurements points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (nAn, nBn) to output (nBn, nAn)
mna477
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Measurements points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Enable and disable times
001aaj658
tPZL
nAn or nBn
output
nBn or nAn
output
nOE input
VOL
VOH
3.0 V
VI
VM
0 V
0 V
tPLZ
tPZH
tPHZ
VX
VY
VM
VM
Table 8.
Measurement points
Input
Output
VM
VM
VX
VY
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V


Similar Part No. - 74LVTN16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
74LVTN16245BDGG NXP-74LVTN16245BDGG Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVTN16245BDGG NEXPERIA-74LVTN16245BDGG Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
More results

Similar Description - 74LVTN16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com