Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1213D125C1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ADC1213D125C1
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D125C1 Datasheet(HTML) 3 Page - NXP Semiconductors

  ADC1213D125C1 Datasheet HTML 1Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 2Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 3Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 4Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 5Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 6Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 7Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 8Page - NXP Semiconductors ADC1213D125C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ADC1213D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
3 of 42
NXP Semiconductors
ADC1213D series
Dual 12-bit ADC; serial JESD204A interface
5.
Block diagram
Fig 1.
Block diagram
ERROR
CORRECTION AND
DIGITAL
PROCESSING
CLOCK INPUT
STAGE & DUTY
CYCLE CONTROL
ADC A CORE
12-BIT
PIPELINED
T/H
INPUT
STAGE
ERROR
CORRECTION AND
DIGITAL
PROCESSING
CLOCK INPUT
STAGE & DUTY
CYCLE CONTROL
SYSTEM
REFERENCE AND
POWER
MANAGEMENT
ADC B CORE
12-BIT
PIPELINED
T/H
INPUT
STAGE
ADC1213D
DLL
PLL
SERIALIZER A
SPI
OUTPUT
BUFFER A
SERIALIZER B
OUTPUT
BUFFER B
8-bit
8-bit
INAP
INAM
CLKP
CLKM
INBP
SCRAMBLER RESET
INBM
8-bit
8-bit
10-bit
10-bit
SWING_n
SWING_n
SYNCP
SCLK
CFG (0 to 3)
SDIO
CS
SYNCN
CMLNB
CMLPB
CMLNA
CMLPA
OTR
D11 to D0
D11 to D0
OTR
005aaa120
REFAT
REFAB
REFBB
REFBT
VCMA
VREF
SENSE
VCMB


Similar Part No. - ADC1213D125C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D125C1 NXP-ADC1213D125C1 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
More results

Similar Description - ADC1213D125C1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com