Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT152-800R Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BT152-800R
Description  High thermal cycling performance Very high current surge capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT152-800R Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BT152-800R Datasheet HTML 4Page - NXP Semiconductors BT152-800R Datasheet HTML 5Page - NXP Semiconductors BT152-800R Datasheet HTML 6Page - NXP Semiconductors BT152-800R Datasheet HTML 7Page - NXP Semiconductors BT152-800R Datasheet HTML 8Page - NXP Semiconductors BT152-800R Datasheet HTML 9Page - NXP Semiconductors BT152-800R Datasheet HTML 10Page - NXP Semiconductors BT152-800R Datasheet HTML 11Page - NXP Semiconductors BT152-800R Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BT152-800R
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 9 June 2011
8 of 12
NXP Semiconductors
BT152-800R
SCR
7.
Package outline
Fig 13. Package outline SOT78 (TO-220AB)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
SOT78
08-04-23
08-06-13
Notes
1. Lead shoulder designs may vary.
2. Dimension includes excess dambar.
UNIT
A
mm
4.7
4.1
1.40
1.25
0.9
0.6
0.7
0.4
16.0
15.2
6.6
5.9
10.3
9.7
15.0
12.8
3.30
2.79
3.8
3.5
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
0
5
10 mm
scale
b
b1(2)
1.6
1.0
c
D
1.3
1.0
b2(2)
D1
E
e
2.54
L
L1(1)
L2(1)
max.
3.0
p
q
3.0
2.7
Q
2.6
2.2
D
D1
q
p
L
12
3
L1(1)
b1(2)
(3
×)
b2(2)
(2
×)
e
e
b(3
×)
A
E
A1
c
Q
L2(1)
mounting
base


Similar Part No. - BT152-800R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152-800R PHILIPS-BT152-800R Datasheet
43Kb / 6P
   Thyristors
March 1997 Rev 1.200
logo
Comset Semiconductor
BT152-800R COMSET-BT152-800R Datasheet
172Kb / 3P
   THYRISTORS
logo
DIYI Electronic Technol...
BT152-800R DYELEC-BT152-800R Datasheet
1Mb / 3P
   The BT152 is suitable for motor control
logo
Inchange Semiconductor ...
BT152-800R ISC-BT152-800R Datasheet
249Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BT152-800R WEEN-BT152-800R Datasheet
259Kb / 12P
   SCR
More results

Similar Description - BT152-800R

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1500ASM33-TL001 DYNEX-DIM1500ASM33-TL001 Datasheet
381Kb / 8P
   High Thermal Cycling Capability
logo
STMicroelectronics
T1610H STMICROELECTRONICS-T1610H Datasheet
273Kb / 9P
   High thermal cycling performance
May 2013 Rev 1
logo
Infineon Technologies A...
FF600R12ME4A_B11 INFINEON-FF600R12ME4A_B11_15 Datasheet
649Kb / 9P
   High Power and Thermal Cycling Capability
2015-09-09 revision:3.0
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
   For high thermal cycling performance
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
WeEn Semiconductors
BT155W-1400T WEEN-BT155W-1400T Datasheet
538Kb / 13P
   SCR High thermal cycling performance
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com