Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4285CZ9-TBB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4285CZ9-TBB
Description  ESD protection for high-speed interfaces Mobile handsets
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4285CZ9-TBB Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4285CZ9-TBB Datasheet HTML 1Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 2Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 3Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 4Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 5Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 6Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 7Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 8Page - NXP Semiconductors IP4285CZ9-TBB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
The device is designed to protect high-speed interfaces such as High-Definition
Multimedia Interface (HDMI), DisplayPort, USB, external Serial Advanced Technology
Attachment (eSATA) and Low Voltage Differential Signaling (LVDS) interfaces against
ElectroStatic Discharge (ESD).
The device includes high-level ESD protection diodes for high-speed signal lines in a
4-channel 0.4 mm pitch XSON9 package. The extremely small package dimensions make
this product ideally suitable for portable devices. The pinout is designed for convenient
flow-through routing of high-speed signal lines.
All signal lines are protected by a special diode configuration offering ultra low line
capacitance of 0.85 pF maximum. These diodes provide protection to downstream
components from ESD voltages up to
12 kV contact according to IEC 61000-4-2, level 4.
1.2 Features and benefits
Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
System ESD protection for USB 2.0, HDMI 1.3 and HDMI 1.4, DisplayPort, eSATA
and LVDS
All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of
12 kV according to IEC 61000-4-2, level 4
Matched 0.4 mm trace spacing
Signal lines with
 0.05 pF matching capacitance between signal pairs
Line capacitance of 0.85 pF maximum for each channel
4-channel, XSON9 Pb-free package
Design-friendly ’flow-through’ signal routing
1.3 Applications
The device is designed for high-speed receiver and transmitter port protection:
Portable devices
Mobile handsets
TVs, monitors
DVD recorders and players
Notebooks, mother boards, graphic cards and ports
Set-top boxes and game consoles
IP4285CZ9-TBB
ESD protection for high-speed interfaces
Rev. 1 — 27 May 2011
Product data sheet


Similar Part No. - IP4285CZ9-TBB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4285CZ9-TBB NEXPERIA-IP4285CZ9-TBB Datasheet
634Kb / 13P
   ESD protection for high-speed interfaces
Rev. 3 - 7 April 2014
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
More results

Similar Description - IP4285CZ9-TBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
logo
NXP Semiconductors
IP4282CZ6 PHILIPS-IP4282CZ6_15 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
PESD4USB3UTBR-Q NEXPERIA-PESD4USB3UTBR-Q Datasheet
219Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
PESD4USB5UTBR-Q NEXPERIA-PESD4USB5UTBR-Q Datasheet
219Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com