Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700DCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3700DCSM
Description  HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3700DCSM Datasheet(HTML) 1 Page - Seme LAB

  2N3700DCSM Datasheet HTML 1Page - Seme LAB 2N3700DCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3700DCSM
LAB
SEME
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/98
HIGH VOLTAGE, MEDIUM POWER, NPN
DUAL TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• DUAL SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH VOLTAGE
APPLICATIONS:
Dual Hermetically sealed surface mount ver-
sion of the popular 2N3700 for high reliability/
space applications requiring small size and
low weight devices.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IB = 0)
IC
Collector Current
PD
Per Device Dissipation
PD
Total Device Dissipation
PD
Derate above 25°C (Per Device)
(Total)
Rja
Thermal Resistance Junction to Ambient
Tstg
Storage Temperature
140V
80V
7V
1A
350mW
525mW
2mW / °C
3mW/°C
240°C/W
–65 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
LCC2 PACKAGE
Underside View
PAD 1 – Collector 1
PAD 2 – Base 1
PAD 3 – Base 2
PAD 4 – Collector 2
PAD 5 – Emitter 2
PAD 6 – Emitter 1
A
2
1
3
4
5
6
6.22 ± 0.13
(0.245 ± 0.005)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
1.27 ± 0.13
(0.05 ± 0.005)
1.40 ± 0.15
(0.055 ± 0.006)
0.23
(0.009)
rad.
A =
2N3700


Similar Part No. - 2N3700DCSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
logo
Continental Device Indi...
2N3700 CDIL-2N3700 Datasheet
261Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
   Type 2N3700 Geometry 4500 Polarity NPN
More results

Similar Description - 2N3700DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4 SEME-LAB-2N3439CSM4 Datasheet
20Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4R SEME-LAB-2N3439CSM4R Datasheet
16Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ADCSM SEME-LAB-2N2222ADCSM Datasheet
18Kb / 2P
   DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2369ACSM SEME-LAB-2N2369ACSM Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM Datasheet
31Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com