Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2214FBD101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2214FBD101
Description  Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2214FBD101 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2214FBD101 Datasheet HTML 1Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 2Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 3Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 4Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 5Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 6Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 7Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 8Page - NXP Semiconductors LPC2214FBD101 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LPC2212_2214
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 14 June 2011
2 of 47
NXP Semiconductors
LPC2212/2214
Single-chip 16/32-bit ARM microcontrollers
16 kB on-chip static RAM and 128/256 kB on-chip flash program memory. 128-bit wide
interface/accelerator enables high speed 60 MHz operation.
In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software. Flash programming takes 1 ms per 512 B line. Single sector or
full chip erase takes 400 ms.
EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with the
on-chip RealMonitor software as well as high speed real-time tracing of instruction
execution.
Eight-channel 10-bit ADC with conversion time as low as 2.44
s.
Two 32-bit timers (with four capture and four compare channels), PWM unit (six
outputs), Real-Time Clock and Watchdog.
Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s) and
two SPIs.
Vectored Interrupt Controller with configurable priorities and vector addresses.
Configurable external memory interface with up to four banks, each up to 16 MB and
8/16/32-bit data width.
Up to 112 general purpose I/O pins (5 V tolerant). Up to nine edge or level sensitive
external interrupt pins available.
60 MHz maximum CPU clock available from programmable on-chip Phase-Locked
Loop with settling time of 100
s.
On-chip crystal oscillator with an operating range of 1 MHz to 30 MHz.
Two low power modes, Idle and Power-down.
Processor wake-up from Power-down mode via external interrupt.
Individual enable/disable of peripheral functions for power optimization.
Dual power supply:
CPU operating voltage range of 1.65 V to 1.95 V (1.8 V
 0.15 V).
I/O power supply range of 3.0 V to 3.6 V (3.3 V
 10 %) with 5 V tolerant I/O pads.
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2212FBD144/01
LQFP144
plastic low profile quad flat package; 144 leads;
body 20
 20  1.4 mm
SOT486-1
LPC2214FBD144/01
LQFP144
plastic low profile quad flat package; 144 leads;
body 20
 20  1.4 mm
SOT486-1


Similar Part No. - LPC2214FBD101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2214FBD144 PHILIPS-LPC2214FBD144 Datasheet
185Kb / 40P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2214FBD144 PHILIPS-LPC2214FBD144 Datasheet
196Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2214FBD144 NXP-LPC2214FBD144 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2214FBD144/00 NXP-LPC2214FBD144/00 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2214FBD144/01 NXP-LPC2214FBD144/01 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
More results

Similar Description - LPC2214FBD101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114 Datasheet
182Kb / 40P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 06-10 December 2007
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2212 PHILIPS-LPC2212_15 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 5-14 June 2011
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212 PHILIPS-LPC2212 Datasheet
185Kb / 40P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2212 PHILIPS-LPC2212_08 Datasheet
196Kb / 45P
   16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com