Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810DCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3810DCSM
Description  DUAL HIGH GAIN PNP TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3810DCSM Datasheet(HTML) 1 Page - Seme LAB

  2N3810DCSM Datasheet HTML 1Page - Seme LAB 2N3810DCSM Datasheet HTML 2Page - Seme LAB 2N3810DCSM Datasheet HTML 3Page - Seme LAB 2N3810DCSM Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LAB
SEME
2N3810DCSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/95
DUAL HIGH GAIN
PNP TRANSISTORS IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE
MOUNT PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
APPLICATIONS:
Suitable for use in high gain, low noise
differential amplifier applications.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage 1
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation
Derate above 25°C
TSTG
Storage Temperature Range
–60V
–60V
–5V
–50mA
500mW
600mW
2.9mW / °C
3.4mW / °C
–65 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC2 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS
(Tamb = 25°C unless otherwise stated)
PAD 1 – Collector 1
PAD 2 – Base 1
PAD 3 – Base 2
PAD 4 – Collector 2
PAD 5 – Emitter 2
PAD 6 – Emitter 1
A
2
1
3
4
5
6
6.22 ± 0.13
(0.245 ± 0.005)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
1.27 ± 0.13
(0.05 ± 0.005)
1.40 ± 0.15
(0.055 ± 0.006)
0.23
(0.009)
rad.
A =
NOTES
1. Base – Emitter Diode Open Circuited.
EACH SIDE
TOTAL DEVICE


Similar Part No. - 2N3810DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM_09 Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
More results

Similar Description - 2N3810DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
   PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM Datasheet
31Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019DCSM SEME-LAB-2N3019DCSM Datasheet
20Kb / 2P
   DUAL HIGH FREQUENCY NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2916DCSM SEME-LAB-2N2916DCSM Datasheet
47Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM_08 Datasheet
27Kb / 2P
   PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
HCT700 SEME-LAB-HCT700 Datasheet
19Kb / 2P
   COMPLEMENTARY SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com