Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810DCSM Datasheet(PDF) 3 Page - Seme LAB

Part # 2N3810DCSM
Description  DUAL HIGH GAIN PNP TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3810DCSM Datasheet(HTML) 3 Page - Seme LAB

  2N3810DCSM Datasheet HTML 1Page - Seme LAB 2N3810DCSM Datasheet HTML 2Page - Seme LAB 2N3810DCSM Datasheet HTML 3Page - Seme LAB 2N3810DCSM Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LAB
SEME
2N3810DCSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/95
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
NOTES
1) Terminals not under test are open circuited under all test conditions.
2) The lower of the two readings is taken as hFE1.
3) Average noise figure is measured in an amplifier with response down 3dB at 10Hz and 10 kHz and a high frequency
rolloff of 6dB / octave.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
mV
mV
0.9
1
5
3
0.8
1
hFE1
Static Forward Current Gain
hFE2
Balance Ratio
|VBE1 – VBE2|
Base – Emitter Voltage
Differential
|
∆(V
BE1 – VBE2)∆TA|
Base – Emitter Voltage
Differential
VCE = –5V
IC = –100µA
See Note 2.
VCE = –5V
IC = –10µA to –10mA
VCE = –5V
IC = –100µA
VCE = –5V
IC = –100µA
TA1 = 25°C
TA2 = –55°C
VCE = –5V
IC = –100µA
TA1 = 25°C
TA2 = 125°C
TRANSISTOR MATCHING CHARACTERISTICS
OPERATING CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
Parameter
Test Conditions 1
Min.
Typ.
Max.
Unit
dB
dB
7
3
2.5
3.5
F
Spot Noise Figure
_
F
Average Noise Figure
VCE = –10V
IC = –100µA
RG = 3kΩ
f = 100Hz
Noise Bandwidth = 20Hz
VCE = –10V
IC = –100µA
RG = 3kΩ
f = 1kHz
Noise Bandwidth = 200Hz
VCE = –10V
IC = –100µA
RG = 3kΩ
f = 10kHz
Noise Bandwidth = 2kHz
VCE = –10V
IC = –100µA
RG = 3kΩ
Noise Bandwidth = 15.7kHz
See Note 3.
INDIVIDUAL TRANSISTOR CHARACTERISTICS


Similar Part No. - 2N3810DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM_09 Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
More results

Similar Description - 2N3810DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
   PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM Datasheet
31Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019DCSM SEME-LAB-2N3019DCSM Datasheet
20Kb / 2P
   DUAL HIGH FREQUENCY NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2916DCSM SEME-LAB-2N2916DCSM Datasheet
47Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM_08 Datasheet
27Kb / 2P
   PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
HCT700 SEME-LAB-HCT700 Datasheet
19Kb / 2P
   COMPLEMENTARY SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com