Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3904CSM
Description  GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3904CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3904CSM Datasheet HTML 1Page - Seme LAB 2N3904CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3904CSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
LAB
SEME
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
ft
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hoe
Output Admittance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
NF
Noise Figure
300
4
8
110
140
0.5
8
100
400
5
35
35
200
50
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
* Pulse Test: tp ≤ 300µs, δ≤ 2%.
40
60
6
50
0.2
0.3
0.65
0.85
0.95
40
70
100
300
60
30
IC = 1mA
IB = 0
IC = 10µAIE = 0
IE = 10µAIC = 0
VCE = 30V
VEB = 3V
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 10mA
IB = 1mA
IC = 50mA
IB = 5mA
IC = 0.1mA
IC = 1mA
VCE = 1V
IC = 10mA
IC = 50mA
IC = 100mA
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICEX
Collector – Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
V
nA
V
V
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
VCE = 20V
IC = 10mA
f = 100MHz
VCB = 5V
IE = 0
f = 1MHz
VBE = 0.5V
IC = 0
f = 1MHz
VCE = 10V
IC = 1mA
f = 1kHz
VCE = 5V
IC = 100µA
f = 1kHz
RS = 1kΩ
VCC = 3V
VBE = 0.5V
IC = 10mA
IB1 = 1mA
VCC = 3V
VBE = 0.5V
IB1 = IB2 = 1mA
MHz
pF
pF
k
µhmos
x 10-4
dB
ns
SMALL SIGNAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
SWITCHING CHARACTERISTICS (TA = 25°C unless otherwise stated)


Similar Part No. - 2N3904CSM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
30Kb / 1P
   Laser Marking
logo
Nanjing International G...
2N3904CJ DGNJDZ-2N3904CJ Datasheet
675Kb / 2P
   NPN silicon epitaxial planar transistor for switching and Amplifier applications
logo
KEC(Korea Electronics)
2N3904C KEC-2N3904C_00 Datasheet
30Kb / 1P
   Laser Marking
More results

Similar Description - 2N3904CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCX19CSM4 SEME-LAB-BCX19CSM4 Datasheet
16Kb / 2P
   GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX17CSM SEME-LAB-BCX17CSM Datasheet
16Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
   GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019CSM SEME-LAB-2N3019CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2484CSM SEME-LAB-2N2484CSM Datasheet
20Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N930CSM SEME-LAB-2N930CSM Datasheet
20Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FMMT42CSM SEME-LAB-FMMT42CSM_03 Datasheet
19Kb / 2P
   GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com