Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

333-2SUBW-C470-S400-A4 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 333-2SUBW-C470-S400-A4
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

333-2SUBW-C470-S400-A4 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  333-2SUBW-C470-S400-A4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 333-2SUBW-C470-S400-A4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 333-2SUBW-C470-S400-A4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 333-2SUBW-C470-S400-A4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 333-2SUBW-C470-S400-A4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 333-2SUBW-C470-S400-A4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET
LAMP
333-2SUBW/C470/S400-A4
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : Mar.13. 2014. Issue No: DLE-0006644_Rev.1
www.everlight.com
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength (Ta=25℃)
Directivity (Ta=25℃)
Wavelength (nm)
Relative Intensity (a.u.)
Forward Current vs. Forward Voltage (Ta=25℃)
Relative Intensity vs. Forward Current (Ta=25℃)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Voltage (V)
Forward Current (mA)
Relative Intensity vs. Ambient Temp.
Forward Current vs. Ambient Temp.
25
30
35
40
45
50
55
60
65
70
0.0
0.5
1.0
1.5
2.0
0
2040
6080
100
0
10
20
30
40
Ambient Temperature Ta(℃)
Ambient Temperature Ta(℃)


Similar Part No. - 333-2SUBW-C470-S400-A4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
333-2SUBW-C470-S400-A4 EVERLIGHT-333-2SUBW-C470-S400-A4 Datasheet
237Kb / 7P
   LAMP
More results

Similar Description - 333-2SUBW-C470-S400-A4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com