Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMN20EN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMN20EN
Description  30 V, 6.7 A N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMN20EN Datasheet(HTML) 5 Page - NXP Semiconductors

  PMN20EN Datasheet HTML 1Page - NXP Semiconductors PMN20EN Datasheet HTML 2Page - NXP Semiconductors PMN20EN Datasheet HTML 3Page - NXP Semiconductors PMN20EN Datasheet HTML 4Page - NXP Semiconductors PMN20EN Datasheet HTML 5Page - NXP Semiconductors PMN20EN Datasheet HTML 6Page - NXP Semiconductors PMN20EN Datasheet HTML 7Page - NXP Semiconductors PMN20EN Datasheet HTML 8Page - NXP Semiconductors PMN20EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PMN20EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 May 2011
5 of 15
NXP Semiconductors
PMN20EN
30 V, 6.7 A N-channel Trench MOSFET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj = 25 °C
30
--V
VGSth
gate-source threshold
voltage
ID =250 µA; VDS =VGS; Tj =25°C
1
1.5
2.5
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
--1
µA
VDS =30V; VGS =0V; Tj = 150 °C
--10
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =6.7 A; Tj = 25 °C
-
16
20
m
VGS =10V; ID =6.7 A; Tj = 150 °C
-
2531m
VGS =4.5 V; ID = 4.5 A; Tj = 25 °C
-
20
25
m
gfs
forward
transconductance
VDS =5V; ID =3 A; Tj =25°C
-
12
-
S
Dynamic characteristics
QG(tot)
total gate charge
VDS =15V; ID =3A; VGS =10V;
Tj =25°C
-
12.4
18.6
nC
QGS
gate-source charge
-
1.7
-
nC
QGD
gate-drain charge
-
2.1
-
nC
Ciss
input capacitance
VDS =15V; f=1MHz; VGS =0V;
Tj =25°C
-
630
-
pF
Coss
output capacitance
-
155
-
pF
Crss
reverse transfer
capacitance
-70
-pF
td(on)
turn-on delay time
VDS =15V; VGS =10V; RG(ext) =6 Ω;
Tj =25°C; ID =3A
-4
-ns
tr
rise time
-
11
-
ns
td(off)
turn-off delay time
-
200
-
ns
tf
fall time
-
85
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 1.2 A; VGS =0V; Tj = 25 °C
-
0.72
1.2
V


Similar Part No. - PMN20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN20EN NEXPERIA-PMN20EN Datasheet
1Mb / 16P
   30 V, 6.7 A N-channel Trench MOSFET
Rev. 1 - 30 May 2011
logo
VBsemi Electronics Co.,...
PMN20EN VBSEMI-PMN20EN Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMN20ENA NEXPERIA-PMN20ENA Datasheet
294Kb / 13P
   40 V, N-channel Trench MOSFET
30 April 2019
More results

Similar Description - PMN20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN20EN NEXPERIA-PMN20EN Datasheet
1Mb / 16P
   30 V, 6.7 A N-channel Trench MOSFET
Rev. 1 - 30 May 2011
logo
NXP Semiconductors
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
   30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
ZP Semiconductor
PMV37EN ZPSEMI-PMV37EN Datasheet
406Kb / 3P
   30 V, 3.1 A N-channel Trench MOSFET
logo
NXP Semiconductors
PMN35EN NXP-PMN35EN Datasheet
823Kb / 15P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011
PMF250XN PHILIPS-PMF250XN Datasheet
889Kb / 15P
   30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011
logo
Nexperia B.V. All right...
PMN35EN NEXPERIA-PMN35EN Datasheet
1Mb / 16P
   30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011
logo
NXP Semiconductors
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
   30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
logo
Nexperia B.V. All right...
PMN25EN NEXPERIA-PMN25EN Datasheet
465Kb / 18P
   30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011
PMT21EN NEXPERIA-PMT21EN Datasheet
461Kb / 16P
   30 V, 7.4 A N-channel Trench MOSFET
Rev. 1 - 30 August 2011
logo
ZP Semiconductor
PMV20XN ZPSEMI-PMV20XN Datasheet
447Kb / 4P
   30 V, 4.8 A N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com