Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN3700EV Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PTN3700EV
Description  1.8 V simple mobile interface link bridge IC Very low power profile
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3700EV Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PTN3700EV Datasheet HTML 5Page - NXP Semiconductors PTN3700EV Datasheet HTML 6Page - NXP Semiconductors PTN3700EV Datasheet HTML 7Page - NXP Semiconductors PTN3700EV Datasheet HTML 8Page - NXP Semiconductors PTN3700EV Datasheet HTML 9Page - NXP Semiconductors PTN3700EV Datasheet HTML 10Page - NXP Semiconductors PTN3700EV Datasheet HTML 11Page - NXP Semiconductors PTN3700EV Datasheet HTML 12Page - NXP Semiconductors PTN3700EV Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
PTN3700
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 June 2011
9 of 43
NXP Semiconductors
PTN3700
1.8 V simple mobile interface link bridge IC
7.
Functional description
7.1 General
A complete simple mobile interface link consists of one PTN3700 configured as
transmitter (see Figure 1); two, three or four differential-pair high-speed signaling
channels; and one PTN3700 configured as receiver (see Figure 2). Link power and
ground are supplied to pins VDD and GND respectively (power and ground should be
routed and decoupled to analog supply pin VDDA and ground pin GNDA separately for
lowest jitter operation). Configuration of either transmitter or receiver mode is achieved by
strapping the CMOS input pin TX/RX HIGH or LOW, respectively.
Configured as transmitter, PTN3700 accepts parallel CMOS input data including color
pixel data (R[7:0], G[7:0], B[7:0]), three control bits HS (horizontal synchronization), VS
(vertical synchronization), DE (data enable), auxiliary bits A[1:0] and pixel clock PCLK.
The PTN3700 calculates a parity bit (excluding the auxiliary bits, see Section 7.6) and
serializes the data and outputs as a high-speed serial data stream on up to three
subLVDS differential outputs (D0+, D0
, D1+, D1, D2+, D2) depending on the
serialization mode selected by pins LS[1:0] (see Section 7.2). An integrated low-jitter PLL
generates internally the bit clock used for serialization of video input data, parity bit and
control bits, and outputs along with the serial output data a differential pixel clock on
differential subLVDS output pair CLK+ and CLK
.
Configured as receiver, PTN3700 accepts serial differential data inputs D0+, D0
, D1+,
D1
, D2+, D2 and differential input clock CLK+ and CLK from the signaling channel and
deserializes the received data into parallel output data on pins R[7:0], G[7:0], B[7:0], HS,
VS, DE and A[1:0] along with the PLL-regenerated pixel clock PCLK. Also, a parity
checking function is performed on the incoming R[7:0], G[7:0], B[7:0], HS, VS, DE bits and
an error flagged by signaling a HIGH state on CMOS output pin CPO (see Section 7.6).
Serialization mode pins LS[1:0] need to be selected according to the expected
serialization mode (see Section 7.2) to correctly receive and decode the up to three
subLVDS differential serial inputs. To minimize EMI, the parallel outputs can be configured
by tying pin F/XS either HIGH or LOW to output fast or slow output slew rates respectively.
The PTN3700 is capable of operating in either of two distinct transmission modes: Pseudo
Source Synchronous mode (PSS), and Full (or ‘true’) Source Synchronous mode (FSS),
selected by CMOS input pin FSS. In PSS mode, the pixel clock PCLK is used both as the
transmission frequency reference and its rising edge as the delineation of the start of a
pixel. This transmission mode relies on the Receiver PLL to reconstruct the bit clock at the
receiving end. In FSS mode, the bit clock is transmitted (in DDR mode) instead of the pixel
clock. Rather than achieve frame boundary detection using the pixel clock edge as in PSS
mode, in FSS mode the Transmitter encodes ‘synchronization words’ over the link which
are detected and used for data to pixel alignment by the Receiver. This methodology
guarantees false-synchronization-free transmission with zero protocol overhead.
The PTN3700 can be put into very low ‘Shutdown’ power state by tying CMOS input pin
XSD LOW. Additionally, the PTN3700 will automatically enter a low-power ‘Standby’ mode
when no active input clock is detected on its inputs (see Section 7.5).


Similar Part No. - PTN3700EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3700EV PHILIPS-PTN3700EV Datasheet
212Kb / 41P
   1.8 V simple mobile interface link bridge IC
Rev. 01-14 August 2007
More results

Similar Description - PTN3700EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3700 PHILIPS-PTN3700 Datasheet
212Kb / 41P
   1.8 V simple mobile interface link bridge IC
Rev. 01-14 August 2007
logo
Toshiba Semiconductor
TC78H651AFNG TOSHIBA-TC78H651AFNG Datasheet
402Kb / 14P
   1.8-V Dual bridge driver IC
2019-1-31
TC78H651FNG TOSHIBA-TC78H651FNG Datasheet
473Kb / 14P
   1.8-V Dual bridge driver IC
2018-04-18
logo
Texas Instruments
LM2506 TI1-LM2506 Datasheet
1Mb / 25P
[Old version datasheet]   Low Power Mobile Pixel Link
logo
Toshiba Semiconductor
TC78H653FTG TOSHIBA-TC78H653FTG Datasheet
488Kb / 14P
   1.8-V Dual H-bridge driver IC
2019-04-04
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
DS90C189-Q1 TI1-DS90C189-Q1 Datasheet
871Kb / 32P
[Old version datasheet]   Low Power, 1.8 V RGB-to-Open LDI (LVDS) Bridge
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
NXP Semiconductors
TDA8023 NXP-TDA8023 Datasheet
170Kb / 32P
   Low power IC card interface
Rev. 01-16 July 2007
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com