Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM150GM12T4G Datasheet(PDF) 1 Page - Semikron International

Part # SKM150GM12T4G
Description  Fast IGBT4 Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM150GM12T4G Datasheet(HTML) 1 Page - Semikron International

  SKM150GM12T4G Datasheet HTML 1Page - Semikron International SKM150GM12T4G Datasheet HTML 2Page - Semikron International SKM150GM12T4G Datasheet HTML 3Page - Semikron International SKM150GM12T4G Datasheet HTML 4Page - Semikron International SKM150GM12T4G Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SKM150GM12T4G
© by SEMIKRON
Rev. 0 – 22.06.2009
1
SEMITRANS® 3
GM
Fast IGBT4 Modules
SKM150GM12T4G
Features
•VCE(sat) with positive temperature
coefficient
• High short circuit capability, self
limiting to 6 x Icnom
• Fast & soft inverse CAL diodes
• Large clearance (10 mm) and
creepage distances (20 mm)
• Isolated copper baseplate using DBC
Technology (Direct Copper Bonding)
Typical Applications
• Matrix Inverter
Remarks
• Case temperature limited to
Tc = 125°C max, recomm.
Top = -40 ... +150°C, product
rel. results valid for Tj = 150°
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
1200
V
IC
Tj = 175 °C
Tc =25°C
229
A
Tc =80°C
177
A
ICnom
150
A
ICRM
ICRM = 3xICnom
450
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj = 150 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25°C
187
A
Tc =80°C
140
A
IFnom
150
A
IFRM
IFRM = 3xIFnom
450
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
774
A
Tj
-40 ... 175
°C
Module
It(RMS)
500
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =150 A
VGE =15V
chiplevel
Tj =25°C
1.85
2.1
V
Tj = 150 °C
2.25
2.45
V
VCE0
Tj =25°C
0.8
0.9
V
Tj = 150 °C
0.7
0.8
V
rCE
VGE =15V
Tj =25°C
7.0
8.0
mΩ
Tj = 150 °C
10.3
11.0
mΩ
VGE(th)
VGE=VCE, IC =6mA
5
5.8
6.5
V
ICES
VGE =0V
VCE = 1200 V
Tj =25°C
0.1
0.3
mA
Tj = 150 °C
mA
Cies
VCE =25 V
VGE =0V
f=1MHz
8.8
nF
Coes
f=1MHz
0.58
nF
Cres
f=1MHz
0.47
nF
QG
VGE =- 8 V...+ 15 V
850
nC
RGint
Tj =25°C
5.0
td(on)
VCC = 600 V
IC =150 A
VGE =±15 V
RG on =1 Ω
RG off =1 Ω
di/dton = 3400 A/µs
di/dtoff = 1750 A/µs
Tj = 150 °C
180
ns
tr
Tj = 150 °C
42
ns
Eon
Tj = 150 °C
19.2
mJ
td(off)
Tj = 150 °C
410
ns
tf
Tj = 150 °C
72
ns
Eoff
Tj = 150 °C
15.8
mJ
Rth(j-c)
per IGBT
0.19
K/W


Similar Part No. - SKM150GM12T4G

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM150GM12T4G SEMIKRON-SKM150GM12T4G_13 Datasheet
379Kb / 5P
   Fast IGBT4 Modules
More results

Similar Description - SKM150GM12T4G

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GAL12T4 SEMIKRON-SKM300GAL12T4 Datasheet
442Kb / 5P
   Fast IGBT4 Modules
SKM600GA12T4 SEMIKRON-SKM600GA12T4_09 Datasheet
333Kb / 5P
   Fast IGBT4 Modules
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4_10 Datasheet
432Kb / 5P
   Fast IGBT4 Modules
SKM200GM12T4 SEMIKRON-SKM200GM12T4 Datasheet
327Kb / 5P
   Fast IGBT4 Modules
SKM400GA12T4 SEMIKRON-SKM400GA12T4_09 Datasheet
283Kb / 5P
   Fast IGBT4 Modules
SKM200GAL12T4 SEMIKRON-SKM200GAL12T4 Datasheet
444Kb / 5P
   Fast IGBT4 Modules
SKM50GB12T4 SEMIKRON-SKM50GB12T4_09 Datasheet
485Kb / 5P
   Fast IGBT4 Modules
SKM200GAL12T4 SEMIKRON-SKM200GAL12T4_13 Datasheet
394Kb / 5P
   Fast IGBT4 Modules
SKM200GB12T4 SEMIKRON-SKM200GB12T4_13 Datasheet
393Kb / 5P
   Fast IGBT4 Modules
SKM300GA12T4 SEMIKRON-SKM300GA12T4_13 Datasheet
391Kb / 5P
   Fast IGBT4 Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com