Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPV16A Datasheet(PDF) 1 Page - GREATECS

Part # GPV16A
Description  16mm Size Metal Shaft SP Rotary Potentiometers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

GPV16A Datasheet(HTML) 1 Page - GREATECS

  GPV16A Datasheet HTML 1Page - GREATECS GPV16A Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Potentiometers
16mm Size Metal Shaft SP Rotary Potentiometers
GPV16A Series
PV16A10B6
Solder Lug
General Specifications:
MECHANICAL:
» Total Rotation Angle: 300°+/- 5°
» Rotation Torque: 20-200 gf.cm
» Shaft Stop Strength: 6Kgf.cm/Max.
» Click Torque: 100-400 gf.cm
» Pull-Push Strength: 100N Max.
ELECTRICAL:
» Rated Wattage: 0.125W for linear taper B
0.06W for other tapers
» Rated Voltage: 200V for linear taper B
150V for other tapers
» Insulation Resistance: More than 100MOhm
at DC500V
GPV16A
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
PV16A30
PC Board Vertical Front
5
PV16A20
PC Board Horizontal
PV16A41
PC Board Vertical Back
10
20
30
40
N
15
K
S
R
F
_ _
...
TYPE OF TERMINALS:
Solder Lug
PC Board Horizontal
PC Board Vertical Front
PC Board Vertical Back
TYPE OF BUSHING:
Standard
LENGTH OF SHAFT (mm):
20
25
30
TYPE OF SHAFT(see support page):
K-Type
S-Type
R-Type
F-Type
AXIS ANGLE OF F-SHAFT:
_____ °
RESISTANCE TAPER (see support page):
... (Texts)
5K
200K
N
C
11
21
41
...
...
RESISTANCE VALUE (OHM)
10K
20K
50K
100K
500K
1M
NUMBER OF CLICK
None Click
Center Click
11 Positions Click
21 Positions Click
41 Positions Click
SPECIAL REQUESTS:
PATTERN OF RESISTANCE CURVE
... (Texts)
MATERIALS & METHODS FOR
MANUFACTURING SHAFT &
BUSHING
... (Texts)
1
2
3
4
5
7
8
6
7
8
6
...
O01


Similar Part No. - GPV16A

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
More results

Similar Description - GPV16A

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
   24mm Rotary Type, Metal Shaft Series
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
   9mm Size Metal Shaft Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com