Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS15ABDP4EG Datasheet(PDF) 2 Page - GREATECS

Part # IS15ABDP4EG
Description  Programmable LCD Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15ABDP4EG Datasheet(HTML) 2 Page - GREATECS

  IS15ABDP4EG Datasheet HTML 1Page - GREATECS IS15ABDP4EG Datasheet HTML 2Page - GREATECS IS15ABDP4EG Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD Switches
Programmable LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
Circuit
SPST normally open
Electrical Capacity (Resistive Load)
100mA@12VDC
Contact Resistance
200 milliohms max. @ 20 mV 10mA
Insulation Resistance
100 megaohms min. @ 100VDC
Dielectric Strength
125VAC for 1 minute min.
Mechanical Endurance
1,000,000 operations min.
Electrical Endurance
1,000,000 operations min.
Operating Force
2.2 ± 0.5 Newtons
Total Travel
1.8mm
Operating Temperature Range
0°C ~ +40°; contact factory for wide temperature range options
Storage Temperature Range
-10°C ~ +60°C; contact factory for wide temperature range options
GENERAL SPECIFICATIONS OF SWITCH
GENERAL SPECIFICATIONS OF DISPLAY
Display Operation Mode
STN positive, STN negative, FSTN positive
Display Condition
Transflective with built-in LED backlight
Viewing Angle
Adjustable
Driving Method
1/24 duty. 1/5 bias (built-in driving circuit)
Viewing Area
15.0mm x 10.8mm (horizontal x vertical)
Pixel Format
36 x 24 dots (horizontal x vertical)
Pixel Size
0.36mm x 0.36mm (horizontal x vertical)
Backlight LED
Single color: yellow, white
Bicolor: red/green, yellow/green, yellow/blue
RGB: red/green/blue
TYPICAL SWITCH DIMENSIONS WITH SINGLE OR BICOLOR LEDS
7.62
17.78
1.25 Typ
12.5
2.5
12.7
17.78
7.62
17.78
12.5
11
7
9
5
3
12
8
10
6
4
13
2.5
1.25 Typ
1
2
17.78
12.7
13x 0.8
1.0 Dia
~
2x 0.9 Dia
Landless
See Standoff
Detail
0.6 Typ
10.5
12.5
2.5
3.2
2.8
16.0
23.13
20.59
13.5
10.8
See Pixel Detail
15.0
Part No.
9.33
14.01
0.36 Sq
0.03 Typ
0.75 Dia
1.8 Dia
0.6
0.3
See Standoff
Detail
0.6 Typ
10.5
12.5
2.5
3.2
2.8
16.0
23.13
20.59
13.5
10.8
See Pixel Detail
15.0
Part No.
9.33
14.01
12.7
7.62
17.78
13.75
1.25 Typ
17.78
2.5
1
2
13.75
1.25
17.78
2.5
7.62
17.78
12.7
Typ
12
8
10
6
4
13
9
11
7
5
14
1
2
3
2x 0.9 Dia
Landless
14x 0.8
1.0 Dia
~
TYPICAL SWITCH DIMENSIONS WITH RGB LED
PIXEL DETAIL
STANDOFF DETAIL
Terminal numbers are not on the switch
Footprint
Terminal numbers are not on the switch
Footprint
K02


Similar Part No. - IS15ABDP4EG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS15ABFP4RGB ETC2-IS15ABFP4RGB Datasheet
262Kb / 4P
   Broad and even light distribution
More results

Similar Description - IS15ABDP4EG

ManufacturerPart #DatasheetDescription
logo
GREATECS
IS15 GREATECS-IS15 Datasheet
1Mb / 2P
   Compact Programmable LCD Switches
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
JDS Uniphase Corporatio...
SCG05D10051-27XF JDSU-SCG05D10051-27XF Datasheet
1Mb / 9P
   Benchtop/Rackmount Programmable Switches
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
logo
NEC
UPD7225 NEC-UPD7225 Datasheet
289Kb / 52P
   PROGRAMMABLE LCD CONTROLLER/DRIVER
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com