Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS15ABFP4B Datasheet(PDF) 3 Page - GREATECS

Part # IS15ABFP4B
Description  Programmable LCD Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15ABFP4B Datasheet(HTML) 3 Page - GREATECS

  IS15ABFP4B Datasheet HTML 1Page - GREATECS IS15ABFP4B Datasheet HTML 2Page - GREATECS IS15ABFP4B Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LCD Switches
Programmable LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
OPTIONAL ACCESSORIES: AT9704-02YC SOCKET FOR SINGLE & BICOLOR LED MODELS
OPTIONAL ACCESSORIES: AT548 PANEL MOUNT HOUSING
OPTIONAL ACCESSORIES: AT542 COUPLER
DEMONSTRATION KIT
DEVELOPMENT KIT
Materials: Base - Glass Fiber Reinforced PBT Terminals - Brass/Beryllium Copper
Materials: Polyamide
Material: PBT
IS-DEM KIT-1: Switch Demonstration Kit
IS-DEM KIT-2: Display Demonstration Kit
The demonstration kit is used for displaying bitmaps, up to 64, that have been created
on your PC via the Easy Editor software and USB cable (supplied). This kit contains a LCD
Switch or LC Display with red/green bicolor LED.
IS-DEM KIT-1
IS-DEM KIT-2
IS-DEV KIT-1: One programmable LCD display module and two PCB mounted tact switches,
with flash memory, power and programming connections.
IS-DEV KIT-2: Two LCD programmable pushbutton switches on a PC board with flash me-
mory, power and programming connections.
This development kit consists of 2 LCD Switches with red/green bicolor LED. The kit is
designed to show how 2 switches interact together to accomplish numerous tasks.
IS-DEV KIT-1
IS-DEV KIT 2
All development kits have been preprogrammed and designed to work with software.
Demonstration Kits 1 und 2 are shipped with a LCD Switch or LC Display, USB cable for PC connection, User Guide and CD with soft-
ware. Optional Battery Box is available.
Top
Side
Bottom
Panel Thickness Range:
1.5 ~ 4.0 mm
23.0
20.5
0.51 DiaTyp
6.7
3.9
7.62
12.7
2.5
12.5
1.25 Typ
7.62
12.5
11
7
9
5
3
12
8
10
6
4
13x 0.8 1.0 Dia
~
13
2.5
1.25Typ
1
2
12.7
23.2
12.6
23.7
2.0
17.7
27.5
31.5
27.6
23.7
29.0
16.0
4.2
1.0
1.0
16.0
4.2
0.97Typ
K03


Similar Part No. - IS15ABFP4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS15ABFP4RGB ETC2-IS15ABFP4RGB Datasheet
262Kb / 4P
   Broad and even light distribution
More results

Similar Description - IS15ABFP4B

ManufacturerPart #DatasheetDescription
logo
GREATECS
IS15 GREATECS-IS15 Datasheet
1Mb / 2P
   Compact Programmable LCD Switches
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
JDS Uniphase Corporatio...
SCG05D10051-27XF JDSU-SCG05D10051-27XF Datasheet
1Mb / 9P
   Benchtop/Rackmount Programmable Switches
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
logo
NEC
UPD7225 NEC-UPD7225 Datasheet
289Kb / 52P
   PROGRAMMABLE LCD CONTROLLER/DRIVER
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com