Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB16KKW01-05-CB Datasheet(PDF) 9 Page - GREATECS

Part # KB16KKW01-05-CB
Description  Miniature Pushbuttons
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

KB16KKW01-05-CB Datasheet(HTML) 9 Page - GREATECS

Back Button KB16KKW01-05-CB Datasheet HTML 3Page - GREATECS KB16KKW01-05-CB Datasheet HTML 4Page - GREATECS KB16KKW01-05-CB Datasheet HTML 5Page - GREATECS KB16KKW01-05-CB Datasheet HTML 6Page - GREATECS KB16KKW01-05-CB Datasheet HTML 7Page - GREATECS KB16KKW01-05-CB Datasheet HTML 8Page - GREATECS KB16KKW01-05-CB Datasheet HTML 9Page - GREATECS KB16KKW01-05-CB Datasheet HTML 10Page - GREATECS KB16KKW01-05-CB Datasheet HTML 11Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Illuminated Switches
Miniature Pushbuttons
KB Series
sales@greatecs.com
www.greatecs.com
9
OPTIONAL ACCESSORIES
PCB Adaptors
Dust Covers
AT701
Single Pole
Straight PC
Terminals
AT702
Double Pole
Straight PC
Terminals
AT077
Single Pole
Right Angle PC
Terminals
Note: Order adaptors separately
+
-
6
5
41
2
3
NC
COM
NO
(0.2) Typ
.008
(2.54) Typ
.100
(10.16)
.400
(2.54) Typ
.100
(0.2) Typ
.008
Keyway
(12.0) Dia
.472
Switch
Depth
(2.8)
.110
(0.3)
.012
(9.8)
.386
(3.1)
.122
(0.6) Typ
.024
+
-
6
5
41
2
3
NC
COM
NO
(0.2) Typ
.008
(2.54) Typ
.100
(10.16)
.400
(2.54) Typ
.100
(0.2) Typ
.008
Keyway
(12.0) Dia
.472
Switch
Depth
(2.8)
.110
(0.3)
.012
(9.8)
.386
(3.1)
.122
(0.6) Typ
.024
+
-
32
1
(11.4)
.449
(6.0)
.236
(1.4)Typ
.055
(13.0)
.512
(2.54) Typ
.100
(1.2)Typ
.047
(0.4)
.016
(7.62)
.300
(0.8) Typ
.031
(0.4) Typ
.016
(12.0) Dia
.472
(9.8)
.386
Switch
Depth
(2.8)
.110
3NC
1
2 COM
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
(10.16)
.400
NO
3NC
1
2 COM
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
(10.16)
.400
NO
6
5
4
12
3
(2.54) Typ
.100
(7.62)
.300
(1.8) DiaTyp
.071
(10.16)
.400
Material:
Lid: PVC
PVC loses pliability below 0°C (32°F).
Base: Polyamide
Panel Thickness Range: .020 ~ .268” (0.5 ~ 6.8mm) for Bushing Mounting; .020 ~ .079” (0.5 ~ 2.0mm) for Snap-in Mounting
Dust Covers reduce the depth of switch behind panel by .047” (1.2mm).
AT495
For Square & Round
(not for Barrier type)
AT4025
For Rectangular
(not for Barrier type)
(12.3) Dia
.484
(5.1)
.201
(21.0) Sq
.827
(7.0)
.276
(1.2)R
.047
(1.6)
.063
(25.4)
1.004
(1.2)R
.047
(21.0)
.827
(12.3) Dia
.484
(7.0)
.276
(11.8)
.465
Assembled
Cap Height
(13.0) Sq
.512
(6.5)
.256
Assembled
Cap Height
(13.0) Sq
.512
(6.5)
.256
(11.8)
.465


Similar Part No. - KB16KKW01-05-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB16KKW01-05-CB NKK-KB16KKW01-05-CB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB16KKW01-05-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com