Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5430 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5430
Description  MEDIUM POWER NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5430 Datasheet(HTML) 2 Page - Seme LAB

  2N5430 Datasheet HTML 1Page - Seme LAB 2N5430 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BVCEO (sus)*
Collector – Emitter
Sustaining Voltage
ICBO
Collector Cutoff Current
ICEX
Collector Cutoff Current
ICBO
Collector Cutoff Current
IEBO
Emitter Cutoff Current
100
V
100
mA
10
mA
1.0
mA
10
mA
100
mA
Min
Max
Unit
OFF CHARACTERISTICS
Parameter
Test Conditions
IC = 50mA , IB = 0
VCE = 90V , IB = 0
VCE = 90V , VEB(off) = 1.5V
VCE = 90V , VEB(off) = 1.5V , TC = 150°C
VCB = Rated VCB , IE = 0
VBE = 6V , IC = 0
hFE*
DC Current Gain
Collector – Emitter
VCE(sat)*
Saturation Voltage
Base – Emitter
VBE(sat)*
Saturation Voltage
60
60
240
40
0.7
1.2
1.2
2.0
ON CHARACTERISTICS
V
V
IC = 500mA , VCE = 2V
IC = 2A , VCE = 2V
IC = 5A , VCE = 2V
IC = 2A , IB = 0.2A
IC = 7A , IB = 0.7A
IC = 2A , IB = 0.2A
IC = 7A , IB = 0.7A
Min
Max
Unit
Parameter
Test Conditions
Current Gain
fT
Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
30
MHz
250
pF
1000
pF
DYNAMIC CHARACTERISTICS
IC = 500 mA, VCE = 10V, f = 10 MHz
VCB = 10V, IE = 0, f = 100 kHz
VBE = 2V, IC = 0, f = 100 kHz
Parameter
Test Conditions
Min
Max
Unit
td
Delay Time
VCC = 40V, VEB(off) = 3V
tr
Rise Time
IC = 2A, IB1 = 200mA
ts
Storage Time
VCC = 40V, IC = 2A
tf
Fall Time
IB1 = IB2 = 200mA
100
ns
100
ns
2.0
ms
200
ns
SWITCHING CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
* Pulse Test: Pulse width = 300
ms, Duty Cycle = 2.0 %
Prelim. 1/94
2N5430
LAB
SEME
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - 2N5430

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5430 MOSPEC-2N5430 Datasheet
132Kb / 3P
   POWER TRANSISTORS(7A,40W)
logo
Central Semiconductor C...
2N5430 CENTRAL-2N5430 Datasheet
51Kb / 1P
   Power Transistors
logo
Savantic, Inc.
2N5430 SAVANTIC-2N5430 Datasheet
147Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N5430 NJSEMI-2N5430 Datasheet
176Kb / 1P
   COLLECTOR EMITTER VOLTAGE
logo
Savantic, Inc.
2N5430 SAVANTIC-2N5430 Datasheet
148Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5430

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com