Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSM5XAHDE1E Datasheet(PDF) 2 Page - OptoSupply International

Part # OSM5XAHDE1E
Description  Tops 100 Power Warm White LED Display cases, furniture illumination, marker
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5XAHDE1E Datasheet(HTML) 2 Page - OptoSupply International

  OSM5XAHDE1E Datasheet HTML 1Page - OptoSupply International OSM5XAHDE1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.optosupply.com
VER A.0
T
To
op
pss 1
10
00
0 P
Po
ow
we
er
r W
Wa
ar
rm
m W
Wh
hiitte
e L
LE
ED
D
O
OS
SM
M5
5X
XA
AH
HD
DE
E1
1E
E
VER . 1
Heat design
The following pictures show some measurements of mounted 5W Led on the heat sink for each board A and B (See Fig 1) with
using thermograph to make an observation about heat distribution. Each boards is tested at various current conditions.
As a result, LED needs larger heat sink as much as possible to reduce its own case temperature.
Fig. 1
Configuration pattern examples for board assembly
Board
LED power
Material
Surface area (m㎡)
Min.
A
5W
Al
10,300
B
10W
Al
20,600
C
25W
Al
51,500
D
50W
Al
103,000
E
100W
Al
206,000
F
200W
Al
412,000
G
300W
Al
618,000
Above tested LED device is attached with adhesive sheet to the heatsink.
For reference's sake, Tj absolute maximum rating is defined at 115℃ as a prerequisite on design process of 5W LED.
<Fig.2> Board A (surface area=10,300m㎡)
<Fig.3> Board B (surface area=20,600m㎡)
IF=600mA
IF=600mA
LED & Application Technologies


Similar Part No. - OSM5XAHDE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XAH5E1E OPTOSUPPLY-OSM5XAH5E1E Datasheet
465Kb / 2P
   Tops 5 Power Warm White LED Long lifetime operation High-power LED
OSM5XAHAE1E OPTOSUPPLY-OSM5XAHAE1E Datasheet
464Kb / 2P
   Tops 10 Power Warm White LED Typical viewing angle : 140deg RoHS compliant
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
   Tops 25 Power Warm White LED Long lifetime operation
OSM5XAHCE1E OPTOSUPPLY-OSM5XAHCE1E Datasheet
505Kb / 2P
   Tops 50 Power Warm White LED Long lifetime operation High-power LED
OSM5XAHEE1E OPTOSUPPLY-OSM5XAHEE1E Datasheet
530Kb / 2P
   Tops 200 (300) Power Warm White LED Long lifetime operation
More results

Similar Description - OSM5XAHDE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5X3L6E1E_VER.A.2 OPTOSUPPLY-OSM5X3L6E1E_VER.A.2 Datasheet
315Kb / 2P
   d28mm tops 6power warm white cob led
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
   Tops 25 Power Warm White LED Long lifetime operation
OSM5XAH5E1E OPTOSUPPLY-OSM5XAH5E1E Datasheet
465Kb / 2P
   Tops 5 Power Warm White LED Long lifetime operation High-power LED
OSM5XAHEE1E OPTOSUPPLY-OSM5XAHEE1E Datasheet
530Kb / 2P
   Tops 200 (300) Power Warm White LED Long lifetime operation
OSM5XAHCE1E OPTOSUPPLY-OSM5XAHCE1E Datasheet
505Kb / 2P
   Tops 50 Power Warm White LED Long lifetime operation High-power LED
OSM543T6C1E OPTOSUPPLY-OSM543T6C1E Datasheet
706Kb / 5P
   Tops 6 Power Warm White Ceramic LED Long lifetime operation High-power LED
OSM5X9H891E OPTOSUPPLY-OSM5X9H891E Datasheet
540Kb / 3P
   Tops 3 3W Power Warm Whiite LED
OSM5XAHAE1E OPTOSUPPLY-OSM5XAHAE1E Datasheet
464Kb / 2P
   Tops 10 Power Warm White LED Typical viewing angle : 140deg RoHS compliant
logo
Everlight Electronics C...
40-01-X4C-4NQB EVERLIGHT-40-01-X4C-4NQB Datasheet
139Kb / 8P
   Warm White POWER LED
logo
OptoSupply Internationa...
OSM5X5H891E OPTOSUPPLY-OSM5X5H891E Datasheet
541Kb / 3P
   Tops 3 1..5W Power Warm Whiite LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com