Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS01DBFRGB Datasheet(PDF) 7 Page - GREATECS

Part # IS01DBFRGB
Description  Programmable High Resolution LCD Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS01DBFRGB Datasheet(HTML) 7 Page - GREATECS

  IS01DBFRGB Datasheet HTML 1Page - GREATECS IS01DBFRGB Datasheet HTML 2Page - GREATECS IS01DBFRGB Datasheet HTML 3Page - GREATECS IS01DBFRGB Datasheet HTML 4Page - GREATECS IS01DBFRGB Datasheet HTML 5Page - GREATECS IS01DBFRGB Datasheet HTML 6Page - GREATECS IS01DBFRGB Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LCD Switches
Programmable High Resolution LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
7
PRECAUTIONS FOR HANDLING & STORAGE
ATTENTION
ELECTROST AT IC
SENSITIVE DEVICES
Transferring Display Data/Displaying on LCD
Command
Data
Remarks
Hex
Binary
0 x 55
01010101
256 Bytes (64 x 32 = 2,048 bits)
See below for details of bitmap data
LED (Backlight) Color Set
Command
Data
Remarks
Hex
Binary
R R G G B B 1 1
2 bits x 3
For each of RGB:
0 x 40
01000000
00 = o
01 = 1/4
10 = 1/2
11 = full
LED (Backlight) Brightness Set
Command
Data
Remarks
Hex
Binary
For leading 3bits:
0 x 41
01000001
* * * 1 1 1 1 1
3 bits
000 = 1/20
(dark)
001 = 1/10
010 = 1/7
011 = 1/5
100 = 1/3
101 = 1/2
110 = 2/3
111 = full
(bright)
Reset (Returning to Initial Status at Power Activation)
Command
Data
Remarks
Hex
Binary
0 x 5E
01011110
00000011
Returning to initial status at power activation
• Transferring display data/displaying on LCD: command (1 Byte) + data (256 Bytes)
• Others: command (1 Byte) + data (1 Byte)
• Commands can be accepted only when all bits coincide; otherwise, they are not acknowledged
• Additional commands will not be received until the communicatio n of commands (1 Byte) and data (256 or 1 Byte) is completed
• There is no time limit from the beginning to end of data receipt
• Commands may be executed consecutively (no need to wait between commands)
• Irregular commands or data is not recognized
• Initial status at power activation: LCD display o , LED o (brightness 1/20, color o )
COMMANDS & DATA FOR SMARTSWITCH & SMARTDISPLAY
Handling
1. The IS Series devices are electrostatic sensitive.
2. Limit operating force to keytop to 100.0N maximum, as excessive pressure may damage the LCD device.
3. The IS series devices are not process sealed.
4. If the LCD is accidentally broken, avoid contact with the liquid and wash o any liquid spills to the skin or clothing.
5. Clean cap surface with dry cloth. If further cleaning is needed, wipe with dampened cloth using neutral cleanser and dry
with clean cloth. Do not use organic solvent.
6. Recommended soldering time and temperature limits: 5 second s maximum @ 270°C maximum
7. Do not exceed 60°C at the LCD level.
Storage
1. Store in original container and away from direct sunlight.
2. Keep away from static electricity.
3. Avoid extreme temperatures, high humidity, gaseous substances, and all forms of chemical contamination.


Similar Part No. - IS01DBFRGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS01DBFRGB ETC2-IS01DBFRGB Datasheet
813Kb / 6P
   64 colors of backlighting can be controlled dynamically
More results

Similar Description - IS01DBFRGB

ManufacturerPart #DatasheetDescription
logo
GREATECS
IS15AACP4CF GREATECS-IS15AACP4CF Datasheet
2Mb / 3P
   Programmable LCD Switches
IS15 GREATECS-IS15 Datasheet
1Mb / 2P
   Compact Programmable LCD Switches
logo
OPTEK Technologies
OPB813S7 OPTEK-OPB813S7 Datasheet
99Kb / 1P
   HIGH RESOLUTION SLOTTED OPTICAL SWITCHES
logo
List of Unclassifed Man...
SGX-1920L ETC2-SGX-1920L Datasheet
1Mb / 3P
   High Resolution LCD Controller Board
logo
Analog Devices
AD1170 AD-AD1170_15 Datasheet
1Mb / 12P
   High Resolution Programmable Intergrating A/D Converter
REV. A
logo
Cirrus Logic
CL-GD6420 CIRRUS-CL-GD6420 Datasheet
784Kb / 146P
   High-Resolution LCD VGA Controller for Notebook Computers
July 1993
logo
Digital View Ltd
SP-1920 DIGITALVIEW-SP-1920 Datasheet
1Mb / 2P
   LCD Controller for LCD Panels up to 1920x1200 Resolution
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com