Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL15SKSFP2C Datasheet(PDF) 6 Page - GREATECS

Part # JL15SKSFP2C
Description  Ultra-Thin Illuminated Tactile Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

JL15SKSFP2C Datasheet(HTML) 6 Page - GREATECS

  JL15SKSFP2C Datasheet HTML 1Page - GREATECS JL15SKSFP2C Datasheet HTML 2Page - GREATECS JL15SKSFP2C Datasheet HTML 3Page - GREATECS JL15SKSFP2C Datasheet HTML 4Page - GREATECS JL15SKSFP2C Datasheet HTML 5Page - GREATECS JL15SKSFP2C Datasheet HTML 6Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Illuminated Switches
6 mm THT Tactile Switches with LED & 10 mm Clear Cap TL6 Series
TL6B Tactile Switch with LED Type B
General Specifications:
FEATURES
» Sharp click feel with a positive tactile feedback
MATERIALS
» Contact: Stainless with silver cladding
» Terminal: Brass with silver cladding
MECHANICAL
» Stroke: 0.20 ± 0.10 mm
» Operation Temperature: -20°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life: 200,000 cycles
» Rating: 50mA, 12VDC
» Contact Arrangement: Single pole single throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature at
260°C max. 5 seconds subject to P.C.B. 1.6 mm thickness.
TL6
How to order:
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
KTS Square Cap
6
(Caps)
+
TL6N Tactile Switch without LED
TL6A Tactile Switch with LED Type A
6.10
3.50
1
2
3
4
6.10
3.50
1
2
3
4
1
2
3
4
6.10
0.70±0.05
3.50
6.00
0.50
0.40
6.50
+0.30
- 0.40
7.80
+0.30
- 0.40
6.00
0.50
0.40
6.50
+0.30
- 0.40
7.80
+0.30
- 0.40
6.00
6.50
8.00
4.04
2.90
4.04
2.90
CATHODE
0.20
5.00
0.20
4.04
2.90
CATHODE
0.20
5.00
0.20
2
3
1
4
5
6
Ø1.00
Ø0.80
6.50
P.C.B. LAYOUT
10.20
8.00
R0.50
8.00
4.10
4.68
3.00
KEYTOP
CAP
Ø10.20
Ø8.00
Ø8.00
R0.50
4.10
4.68
Ø3.00
KEYTOP
CAP
TYPE OF LED:
A LED Type A
B
LED Type B
N Without LED
OPERATING FORCE:
10 100 ± 50 gf
16 160 ± 50 gf
26 260 ± 50 gf
LED COLOR:
C Red
E Yellow
F Green
G Blue
B White
D Orange
1
2
3
PACKAGE:
TB Tube
CAP TYPE:
KTS Square Cap
KTR Round Cap
(The color of the caps is clear)
4
5
COLOR OF KEYTOP
C
Red
E
Yellow
F
Green
G Blue
U Ivory
A Black
S
Salmon
6
KTR Round Cap
LED Type A
LED Type B
2
4
5
6
3
1
CIRCUIT DIAGRAM
Terminals
Cap & Keytop
Cap & Keytop
Terminals
Terminals
Cap & Keytop
General Tolerance: ± 0.2 mm
J27


Similar Part No. - JL15SKSFP2C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JL15SKSFCP2 NKK-JL15SKSFCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
JL15SKSFDP2 NKK-JL15SKSFDP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
JL15SKSFFP2 NKK-JL15SKSFFP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
More results

Similar Description - JL15SKSFP2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
   Illuminated Tactile Switches
logo
GREATECS
TP34 GREATECS-TP34 Datasheet
79Kb / 1P
   0.35 x 3.7 x 3.7 mm Ultra-Low Thin Tactile Switches
logo
Nihon Kaiheiki Industry...
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
logo
HOKURIKU ELECTRIC INDUS...
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com