Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2R2AGQ01M Datasheet(PDF) 1 Page - GREATECS

Part # MP2R2AGQ01M
Description  Miniature SPDT Micro Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP2R2AGQ01M Datasheet(HTML) 1 Page - GREATECS

  MP2R2AGQ01M Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro Switches
Miniature SPDT Micro Switches
MP2 Series
MP2
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
5
TERMINAL TYPE
HINGED TYPE (LEVER)
Hin-
ged
Type
O.P. (mm)
P.T.
max.
(mm)
O.T.
min.
(mm)
M.D.
max.
(mm)
Operating Force
max. (gf)
Release Force
min. (gf)
M
L
N
H
M
L
N
H
00
8.40±0.50
0.4
0.7
0.2
50
100
150
250
15
15
35
140
01
9.15±0.85
1.5
1.7
0.8
20
25
45
80
5
5
12
15
02
9.25±0.95
1.8
2.3
0.8
20
20
45
80
5
5
12
15
03
9.3±1.0
2.3
3.0
0.8
15
15
40
70
5
5
12
15
04
10.3±1.0
2.8
1.0
0.8
15
15
40
70
5
5
12
15
05
14.3±1.0
2.5
1.5
0.8
15
15
40
70
5
5
12
15
06
12.55±1.25
2.0
1.5
0.8
15
15
40
70
5
5
12
15
OPERATING FORCE
O.P. (Operation Position): The position of the actuator at which the contact snap to the operated contact position
F.P. (Free Position): The initial position on the actuator when there is no external force applied
P.T. (Pretravel): The distance or angle through which the actuator moves from the F.P. to the O.P.
O.T. (Over Travel): The distance or angle of the actuator movement beyond the O.P.
R.P. (Releasing Position): The position of the actuator at which the contacts snap from the operated contact position to their normal
position
M.D. (Movement Differential): The distance or angle from O.P. to R.P.
D Solder Terminal
Q Quick Connect
H P.C.B. Terminal Straight
L P.C.B. Terminal Left Angle
R P.C.B. Terminal Right Angle
00 Pin Plunger
01 Short
02 Standard
03 Long
04 Simulated
05 Roller
06 Bending
Contact Configuration
COM Terminal
Lever
Button
NC Terminal
NO Terminal
4.0
3.2
3.2
6.4
Ø1.6
6.4
Ø1.6
t 0.6x3.2
Ø1.2
6.4
t 0.6x2.8
t 0.6x1.2
6.4
0.5
6.4
3.6
Ø1.2
3.2
6.4
3.6
Ø1.2
3.2
14.5
16.5
22.6
15.8
14.5
13.4
General Specifications:
FEATURES
» SPDT Miniature Micro Switch
» Long Life spring mechanism
» Large over travel
» Small compact size
MATERIAL
» Stationary Contact: Silver (5A)
Brass copper (0.1A)
» Movable Contact: Silver alloy
» Terminals: Brass Copper
MECHANICAL
» Type of Actuation: Momentary
» Mechanical Life: 300,000 operations min.
» Operating Temperature: -25°C to +105°C
ELECTRICAL
» Electrical Life: 10,000 operations min.
» Initial Contact Resistance: 30mΩ max.
» Insulation Resistance: 100MΩ min.
R1
R2
AG
AU
D
Q
H
L
R
CURRENT RATING:
0.1A 48VDC
5A 125/250VAC
CLOTHED MATERIAL:
Silver (Standard)
Gold
TERMINAL
Solder Lug
Quick Connect
P.C.B. Terminal Straight
P.C.B. Terminal Left Angle
P.C.B. Terminal Right Angle
00
01
02
03
04
05
06
M
L
N
H
HINGED TYPE
(See above drawings):
Pin Plunger
Short Hinge Lever
Standard Hinge Lever
Long Hinge Lever
Simulated Hinge Lever
Roller Hinge Lever
Bending Hinge Lever
OPERATING FORCE
Minimal Force
Lower Force
Standard Force
Higher Force
1
2
3
4
5
Mounting Holes
Ø2.4
9.50
P.C.B. Mounting Hole
Ø1.35 to 1.5
8.80
16.10
19.85
1.8
t0.6 TYP.
C
7.5±0.1
NC
NO
8.8±0.1 7.3±0.1
9.5±0.1
MP2_ _H01_
L02


Similar Part No. - MP2R2AGQ01M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
List of Unclassifed Man...
MP2-10B ETC2-MP2-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10C ETC2-MP2-10C Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10G ETC2-MP2-10G Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10L ETC2-MP2-10L Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP2R2AGQ01M

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
   Miniature SPST Micro Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com