Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB1MSA1B11T1UGEVC1 Datasheet(PDF) 4 Page - GREATECS

Part # PB1MSA1B11T1UGEVC1
Description  Snap-Acting Pushbutton Switches (ON-MOM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB1MSA1B11T1UGEVC1 Datasheet(HTML) 4 Page - GREATECS

  PB1MSA1B11T1UGEVC1 Datasheet HTML 1Page - GREATECS PB1MSA1B11T1UGEVC1 Datasheet HTML 2Page - GREATECS PB1MSA1B11T1UGEVC1 Datasheet HTML 3Page - GREATECS PB1MSA1B11T1UGEVC1 Datasheet HTML 4Page - GREATECS PB1MSA1B11T1UGEVC1 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pushbutton Switches
Snap-Acting Pushbutton Switches (ON-ON)
PB1N Series
PB1NSA1B60T1_ _ _ _
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
CONTACT RATING
» AG, GT, UG & UGT: 3A 120VAC/28VDC
1A 250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 20m
Ω max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
Ω min.
PB1
How to order:
1
2
3
5
sales@greatecs.com
www.greatecs.com
6
4
C
E
N
blank
V
C1
C2
C3
C4
SEAL:
Epoxy (Standard)
No Epoxy
ROHS & LEAD FREE:
RoHS compliant
RoHS & lead free
CAP:
Cap1
Cap2
Cap3
Cap4
NS
ND
A1
AA
AB
B60
B61
B70
B71
T1
T2
T5
T6
SWITCHING & POLES:
ON-ON SPDT
ON-ON DPDT
ACTUATOR:
6.61/7.11 mm high
Handle, metal material
Handle, metal meterial
BUSHING:
7.62mm high, keyway (thd)
7.62mm high, flat (thd)
7.62mm high, keyway (non-thd)
7.62mm high, flat (non-thd)
TERMINALS:
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
T6N
T7
VS2
V2N
VS3
VS4
VS5
AG
AU
UT
GT
UG
UGT
Right angle, PC thru-hole
Right angle, snap-in,
PC thru-hole
Vertical right angle,
PC thru-hole
11.68mm high, V-bracket
11.68mm high, snap-in,
V-bracket
16.00mm high, V-bracket
11.68mm high, V-bracket
16.00mm high, V-bracket
CONTACT MATERIAL:
Silver
Gold
Gold, tin-lead
Silver, tin-lead
Gold over ilver
Gold over silver, tin-lead
1
2
3
4
5
6
7
8
7
8
PB1NDA1B60T1_ _ _ _
PB1NSA1B70T6_ _ _ _
PB1NDA1B70T6_ _ _ _
PB1NSA1B70T7_ _ _ _
13.70
6.61
6.61
6.61


Similar Part No. - PB1MSA1B11T1UGEVC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB1 ETC2-PB1 Datasheet
113Kb / 1P
   Potting Boxes
logo
Pepperl+Fuchs Inc.
PB1-008-6 PF-PB1-008-6 Datasheet
239Kb / 2P
   Palm Button
PB1-010-9 PF-PB1-010-9 Datasheet
242Kb / 2P
   Palm Button
logo
Won-Top Electronics
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
   10A BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1000 DIOTEC-PB1000 Datasheet
309Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - PB1MSA1B11T1UGEVC1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com