Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3R3Q18702L2 Datasheet(PDF) 1 Page - GREATECS

Part # MP3R3Q18702L2
Description  Micro Switches up to 10A 125/250VAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP3R3Q18702L2 Datasheet(HTML) 1 Page - GREATECS

  MP3R3Q18702L2 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro Switches
Micro Switches up to 10A 125/250VAC
MP3 Series
MP3
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
5
TERMINAL TYPE
HINGED TYPE (LEVER)
27.8
22.2
6.0
7.0
COM
Ø3.4
Ø3.10
NC
NO
5.4
10.3
4.2
Ø 2.4
t=1.0
7.0
t=1.0
M3x0.5 Screw
7.0
11.3
11.5
Ø 1.7
2.0
6.35
3.2
10.0
t=0.5
Ø 2.0 Ø 1.2
1.6
12.2
15.2
Hinged
Type
O.P. (mm)
P.T.
max.
(mm)
O.T.
min.
(mm)
M.D.
max.
(mm)
Operating Force
max. (gf)
Release Force
min. (gf)
L
N
H
L
N
H
00
14.75±0.45
1.2
1.0
0.3
50
200
300
40
50
60
01
15.2±0.5
1.6
0.8
0.5
50
200
300
40
50
60
02
16±1.2
4.0
1.6
0.8
30
90
135
20
40
50
03
15.7±3.1
9.0
3.2
2.0
15
50
70
10
20
30
04
18.75±1.25
4.0
1.6
0.8
30
100
150
20
40
50
05
20.7±0.6
1.6
0.8
0.5
50
200
300
30
50
60
06
20.65±1.25
4.0
1.6
0.8
30
90
135
20
40
50
OPERATING FORCE
O.P. (Operation Position): The position of the actuator at which the contact snap to the operated contact position
F.P. (Free Position): The initial position on the actuator when there is no external force applied
P.T. (Pretravel): The distance or angle through which the actuator moves from the F.P. to the O.P.
O.T. (Over Travel): The distance or angle of the actuator movement beyond the O.P.
R.P. (Releasing Position): The position of the actuator at which the contacts snap from the operated contact position to
their normal position
M.D. (Movement Differential): The distance or angle from O.P. to R.P.
Contact Configuration
D Solder Terminal
C Screw
Q250 Quick Connect 250 Series
Q187 Quick Connect 187 Series
H P.C.B. Terminal
27.8
20.2
22.0
8.4
35.6
8.4
00 Pin Plunger
01 Short
02 Standard
8.4
59.5
8.4
32.6
03 Long
04 Simulated
20.6
8.4
8.4
34.0
8.4
31.8
05 Short Roller
06 Standard Roller
07 L Shape
Ø4.8
Ø4.8
General Specifications:
FEATURES
» Long Life spring mechanism
» Large over travel
MATERIAL
» Stationary Contact: AgNi (5A/10A)
Brass copper (0.1A)
» Movable Contact: AgNi
» Terminals: Brass Copper
MECHANICAL
» Type of Actuation: Momentary
» Mechanical Life: 300,000 operations min.
» Operating Temperature: -40°C to +105°C
ELECTRICAL
» Electrical Life: 10,000 operations min.
» Initial Contact Resistance: 50mΩ max.
» Insulation Resistance: 100MΩ min.
R1
R2
R3
D
C
Q250
Q187
H
00
01
02
03
04
05
06
07
CURRENT RATING:
0.1A 48VDC
5A 125/250VAC
10A 125/250VAC
TERMINAL
(See above drawings):
Solder Lug
Screw
Quick Connect 250 Series
Quick Connect 187 Series
P.C.B. Terminal
HINGED TYPE
(See above drawings):
Pin Plunger
Short Hinge Lever
Standard Hinge Lever
Long Hinge Lever
Simulated Hinge Lever
Short Roller Hinge Lever
Standard Roller Hinge Lever
L Shape Hinge Lever
L
N
H
2
1C
1O
OPERATING FORCE
(See above shedule):
Lower Force
Standard Force
Higher Force
CIRCUIT
S.P.D.T.
S.P.S.T. (NC.)
S.P.S.T. (NO.)
1
2
3
4
5
Mounting Holes
Ø3.1 Screw Holes
22.20
L03


Similar Part No. - MP3R3Q18702L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP3-10B ETC2-MP3-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP3-10C ETC2-MP3-10C Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP3-10G ETC2-MP3-10G Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP3-10L ETC2-MP3-10L Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP3-10R ETC2-MP3-10R Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP3R3Q18702L2

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
   Micro Switches 16A 125/250VAC
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
L167-B ETC2-L167-B Datasheet
181Kb / 2P
   10A 250Vac Single Double Pole
logo
PowerDynamics, Inc
PD-16X POWERDYNAMICS-PD-16X Datasheet
32Kb / 1P
   SOUTH AMERICAN RECEPTACLE 10A/15A 250VAC
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
   Miniature PCB Power Relays 10A 250VAC
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
   Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com