Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAV22SMS1G6 Datasheet(PDF) 1 Page - GREATECS

Part # PAV22SMS1G6
Description  Anti-Vandal Pushbutton Switch - Mounting Hole 22mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PAV22SMS1G6 Datasheet(HTML) 1 Page - GREATECS

  PAV22SMS1G6 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pushbutton Switches
Anti-Vandal Pushbutton Switch - Mounting Hole Ø22mm
PAV22 Series
sales@greatecs.com
PAV22
1
2
S
CONTACT:
1NO1NC
1
How to order:
Specifications:
LAMP RATINGS
www.greatecs.com
R
ab
12
3
4
LED PIN
LED PIN
NO1
NC 1
NC 1
NO1
Lamp
Circuit
Diagram
Lamp Type
LED Lamp AC/DC *
* DC LED and other voltages can be made by request.
Rated Voltage
Rated Amper
about 15mA
about 5mA
LED Colors
red, green, yellow, orange, blue, white
Life
40,000 hours (reference)
AC/DC6V
AC/DC12V
AC/DC110V
AC/DC24V
AC/DC36V
AC/DC220V
Using AC/DC LED lamp, the terminals have not
difference of anode and cathode;
Using inner resistance, don’t need to connect
outer resistance.
(PAV16 Series have no inner resistance).
SWITCHING
DIAGRAM OF TERMINATION
The second and third switch
unit are the same.
M
L
OPERATING MODE:
Momentary
Latching
2
0
1
2
ILLUMINATION:
No Illumination
Dot Type Illumination
Ring Type Illumination
4
S
TERMINATION:
Solder Lug 2.8x0.5mm
3
N
C
D
LED COLOR:
No Illumination
Red
F Green
E Yellow
Orange
G Blue
B White
5
0
6
12
24
110
220
LED VOLTAGE:
No Illumination
AC/DC 6V
AC/DC 12V
AC/DC 24V
AC/DC 110V
AC/DC 220V
(Other Voltage can be made by request)
6
ENGRAVING:
7
A
B
C
D
E
F
G
H
J
K
L
M
N
(Other engraving can
be made by request)
3
4
5
6
7
CHARACTERISTICS
> Protection Degree: IP65 (for surface of the panel)
> Anti Vandal Degree: IK10
> Front Shape: Flat round
> Switch Rating: 5A 250VAC Max.
> Contact Resistance: 50m
Max.
> Insulation Resistance: 1000M
Min.
> Dielectric Intensity: 2000VAC
> Operating Temperature: -20°C to +55°C
> Mechanical Life: 1,000,000 cycles
> Electrical Life: 50,000 cycles
> Panel Thickness: 1 to 8 mm
> Torque: 5 to 14 Nm
> Operation Pressure: about 5.5 N
> Operation Distance: about 2.5mm
MATERIAL
> Contact: Silver alloy
> Button: Stainless steel
> Body: Stainless steel
> Base: PA
PAV22S...1... Dot illuminated; 1NO1NC
PAV22S...2... Ring illuminated; 1NO1NC
8M a x.
L
28 .5
1.8
6
18
9
8Ma x.
L
1.8
28.5
6
13.5
18
L=35.8 (Momentary)
L=40.8 (Latching)
L=35.8 (Momentary)
L=40.8 (Latching)
Top View
Bottom View
Top View
Bottom View


Similar Part No. - PAV22SMS1G6

ManufacturerPart #DatasheetDescription
logo
GREATECS
PAV25 GREATECS-PAV25 Datasheet
172Kb / 1P
   Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
PAV25DDLS1B0 GREATECS-PAV25DDLS1B0 Datasheet
172Kb / 1P
   Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
PAV25DDLS1B110 GREATECS-PAV25DDLS1B110 Datasheet
172Kb / 1P
   Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
PAV25DDLS1B12 GREATECS-PAV25DDLS1B12 Datasheet
172Kb / 1P
   Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
PAV25DDLS1B24 GREATECS-PAV25DDLS1B24 Datasheet
172Kb / 1P
   Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
More results

Similar Description - PAV22SMS1G6

ManufacturerPart #DatasheetDescription
logo
GREATECS
PAV25 GREATECS-PAV25 Datasheet
172Kb / 1P
   Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
   Anti-Vandal Sealed Pushbutton Switch
5 May 21
ATPS19 CK-COMPONENTS-ATPS19 Datasheet
581Kb / 3P
   Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
ATPS22 CK-COMPONENTS-ATPS22 Datasheet
712Kb / 3P
   Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
   Anti-Vandal Switch
11/09/20V1.0
AV090003A940N ETC-AV090003A940N Datasheet
1Mb / 31P
   Anti-vandal and security pushbutton switches
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
   pV6 SerieS anti-Vandal Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com