Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB20A30CAGN Datasheet(PDF) 1 Page - GREATECS

Part # PB20A30CAGN
Description  THT Pushbutton Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB20A30CAGN Datasheet(HTML) 1 Page - GREATECS

  PB20A30CAGN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pushbutton Switches
THT Pushbutton Switches
PB20 Series
sales@greatecs.com
www.greatecs.com
PB20
How to order:
General Specifications:
1
2
3
13
18
30
OPERATING FORCE:
1.3N ± 30%
1.8N ± 30%
3.0N ± 30%
2
A
B
C
E
F
G
H
BODY COLOR:
Black
White
Red
Yellow
Green
Blue
Grey
3
4
A
B
C
D
SWITCH TYPE (See Drawings):
Type A
Type B
Type C
Type D
1
AG
AU
CLOTHED MATERIAL:
Silver (Standard)
Gold (Subject to our final confirmation)
4
5
PB20B_EAGN
PB20C_GAGN
PB20D_AAGN
MECHANICAL
Dimensions: See Drawings ( Unit: mm)
Life: 500,000 Cycles Min.
Travel: 0.8 mm
Temperature Range: -20°C ~ +85°C
ELECTRICAL
Rating: 10mA 35VDC
Contact Resistance: 20m
Max.
Insulation Resistance: 100M
Min.
Inter Terminal Capacity: 1 pF
Relative Humidity: 96%RH Min., +40°C
SOLDER ABILITY
Soldering: 240°C 5 seconds Max.
N
A
B
C
E
F
G
H
CAP COLOR:
Without Cap
Black (Only for Type A)
White (Only for Type A)
Red (Only for Type A)
Yellow (Only for Type A)
Green (Only for Type A)
Blue (Only for Type A)
Grey (Only for Type A)
5
Type A
Type B
Type C
Type D
Square Buttons (Only for Type A, not available to snap over Type B, C and D)
PB20A_CAGN
PB20A_AAUN
PB20A_GAGB


Similar Part No. - PB20A30CAGN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PB20 INFINEON-PB20 Datasheet
125Kb / 2P
   Gate Leads for PB20
2013-01-30 Revision: 3.1
logo
Pulse A Technitrol Comp...
PB2003NL PULSE-PB2003NL Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
logo
PREMO CORPORATION S.L
PB2016-15R PREMO-PB2016-15R Datasheet
137Kb / 1P
   POWER CUBE
PB2016-1R7 PREMO-PB2016-1R7 Datasheet
137Kb / 1P
   POWER CUBE
PB2016-22R PREMO-PB2016-22R Datasheet
137Kb / 1P
   POWER CUBE
More results

Similar Description - PB20A30CAGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com