Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11KA4TS Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC68HC11KA4TS
Description  8-Bit Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11KA4TS Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC68HC11KA4TS Datasheet HTML 2Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 3Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 4Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 5Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 6Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 7Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 8Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 9Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MOTOROLA
MC68HC11KA4
6
MC68HC11KA4TS/D
64-Pin Quad
Flat Pack
–40
°to + 85°C
24 Kbytes Custom ROM
2 MHz
MC68HC11KA4CFU2
3 MHz
MC68HC11KA4CFU3
4 MHz
MC68HC11KA4CFU4
–40
°to + 105°C
24 Kbytes Custom ROM
2 MHz
MC68HC11KA4VFU2
3 MHz
MC68HC11KA4VFU3
4 MHz
MC68HC11KA4VFU4
–40
°to + 85°C
32 Kbytes Custom ROM
2 MHz
MC68HC11KA2CFU2
3 MHz
MC68HC11KA2CFU3
4 MHz
MC68HC11KA2CFU4
–40
°to + 105°C
32 Kbytes Custom ROM
2 MHz
MC68HC11KA2VFU2
3 MHz
MC68HC11KA2VFU3
4 MHz
MC68HC11KA2VFU4
–40
°to + 85°C
24 Kbytes Custom ROM,
2 MHz
MC68HC11KA3CFU2
No EEPROM
3 MHz
MC68HC11KA3CFU3
4 MHz
MC68HC11KA3CFU4
–40
°to + 105°C
24 Kbytes Custom ROM,
2 MHz
MC68HC11KA3VFU2
No EEPROM
3 MHz
MC68HC11KA3VFU3
4 MHz
MC68HC11KA3VFU4
Table 3 Extended Voltage (3.0 Vdc to 5.5 Vdc) Device Ordering Information
Package
Temperature
Description
Frequency
MC Order Number
68-Pin Plastic
Leaded Chip
Carrier
–20
°to + 70°C
24 Kbytes Custom ROM
1 MHz
MC68L11KA4FN1
3 MHz
MC68L11KA4FN3
32 Kbytes Custom ROM
1 MHz
MC68L11KA2FN1
3 MHz
MC68L11KA2FN3
No ROM
1 MHz
MC68L11KA1FN1
3 MHz
MC68L11KA1FN3
No ROM, No EEPROM
1 MHz
MC68L11KA0FN1
3 MHz
MC68L11KA0FN3
24 Kbytes Custom ROM,
1 MHz
MC68L11KA3FN1
No EEPROM
3 MHz
MC68L11KA3FN3
64-Pin Quad
Flat Pack
–20
°to + 70°C
24 Kbytes Custom ROM
1 MHz
MC68L11KA4FU1
3 MHz
MC68L11KA4FU3
32 Kbytes Custom ROM
1 MHz
MC68L11KA2FU1
3 MHz
MC68L11KA2FU3
No ROM
1 MHz
MC68L11KA1FU1
3 MHz
MC68L11KA1FU3
No ROM, No EEPROM
1 MHz
MC68L11KA0FU1
3 MHz
MC68L11KA0FU3
24 Kbytes Custom ROM,
1 MHz
MC68L11KA3FU1
No EEPROM
3 MHz
MC68L11KA3FU3
Table 2 Custom ROM Device Ordering Information (Continued)
Package
Temperature
Description
Frequency
MC Order Number


Similar Part No. - MC68HC11KA4TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11KA4TS NXP-MC68HC11KA4TS Datasheet
1Mb / 76P
   8-Bit Microcontroller
Rev. 1
More results

Similar Description - MC68HC11KA4TS

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com