Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11KA4TS Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC68HC11KA4TS
Description  8-Bit Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11KA4TS Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC68HC11KA4TS Datasheet HTML 7Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 8Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 9Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 10Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 11Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 12Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 13Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 14Page - Motorola, Inc MC68HC11KA4TS Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MC68HC11KA4
MOTOROLA
MC68HC11KA4TS/D
11
2 Operating Modes and On-Chip Memory
2.1 Operating Modes
In single-chip operating mode, the MC68HC11KA4 is a stand-alone microcontroller with no external ad-
dress or data bus.
In expanded non-multiplexed operating mode, the MCU can access a 64 Kbyte physical address space.
This space includes the same on-chip memory addresses used for single-chip mode, in addition to ad-
dressing capabilities for external peripheral and memory devices. The expansion bus is made up of
ports B, C, and F, and the R/W signal. In expanded operating mode, high order address bits are output
on the port B pins, low order address bits on the port F pins, and the data bus on port C. The R/W pin
controls the direction of data transfer on the port C bus.
Bootstrap mode allows special-purpose programs to be entered into internal RAM. The bootloader pro-
gram uses the serial communications interface (SCI) to read a program of up to 768 bytes into on-chip
RAM. After a four-character delay, or after receiving the character for address $037F ($047F for
MC68HC11KA2), control passes to the loaded program at $0080.
Special test mode is used primarily for factory testing.
2.2 On-Chip Memory
The M68HC11 CPU is capable of addressing a 64 Kbyte range. The INIT, INIT2, and CONFIG registers
control the existence and locations of the registers, RAM, EEPROM, and ROM in the physical 64 Kbyte
memory space. Addressing beyond the 64 Kbyte range is possible using a memory paging scheme in
expanded mode only.
The 128-byte register block originates at $0000 after reset and can be placed at any other 4 Kbyte
boundary ($x000) after reset by writing an appropriate value to the INIT register.
The 768-byte RAM (1024 bytes in the MC68HC11KA2) can be remapped to any 4 Kbyte boundary in
memory.
The RAM in the MC68HC11KA4 is divided into two sections of 128 bytes and 640 bytes. For the
MC68HC11KA4, 128 bytes of the RAM are mapped at $0000–$007F unless the registers are mapped
to this space. If the registers are located in this space, the same 128 bytes of RAM are located at $0300
to $037F.
The RAM in the MC68HC11KA2 is divided into two sections of 128 bytes and 896 bytes. For the
MC68HC11KA2, 128 bytes of the RAM are mapped at $0000–$007F unless the registers are mapped
to this space. If the registers are located in this space, the same 128 bytes of RAM are located at $0300
to $047F.
Remapping is accomplished by writing appropriate values into the two nibbles of the INIT register. Refer
to the register and RAM mapping examples following the MC68HC11KA4 and MC68HC11KA2 memory
maps.
The 640-byte EEPROM is initially located at $0D80 after reset, assuming EEPROM is enabled in the
memory map by the CONFIG register. EEPROM can be placed at any other 4 Kbyte boundary ($xD80)
by writing appropriate values to the INIT2 register.
The ROMAD and ROMON control bits in the CONFIG register control the position and presence of
ROM/EPROM in the memory map. In special test mode, the ROMON bit is forced to zero so that the
ROM/EPROM is removed from the memory map. In single-chip mode, the ROMAD bit is forced to one,
causing the ROM/EPROM to be enabled at $A000–$FFFF ($8000–$FFFF in the MC68HC11KA2). This
guarantees that there will be ROM/EPROM at the vector space.


Similar Part No. - MC68HC11KA4TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11KA4TS NXP-MC68HC11KA4TS Datasheet
1Mb / 76P
   8-Bit Microcontroller
Rev. 1
More results

Similar Description - MC68HC11KA4TS

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com