Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB9NS1E0E0 Datasheet(PDF) 1 Page - GREATECS

Part # PB9NS1E0E0
Description  Momentary Pushbutton Switches with LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB9NS1E0E0 Datasheet(HTML) 1 Page - GREATECS

  PB9NS1E0E0 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pushbutton Switches
Momentary Pushbutton Switches with LED
PB9 Series
General Specifications:
ELECTRICAL & MECHANICAL SPECIFICATIONS:
» Circuit: SPDT
» Current Rating: 12 mA
» Voltage Rating: 24 VDC
» Contact Resistance: 50 m
Ω max. (initial)
» Insulation Resistance: 100M
Ω min.
» Operating Force: 170
±50 gf
» Total Travel: 2.5
±0.5 mm
» Operating Life: 1,000,000 cycles min.
» Soldering: 260 °C for 3 seconds
» Operating Temperature: -10 °C ~ +60 °C
» Function: Momentary
MATERIALS
» Cap: Acrylonitrile Butadine Styrene (ABS)
» Case: Polyamide (PA)
» Fixed Support: Stainless steel wire
» Terminals: Phosphor bronze (PBS) with gold plating
» Moving Contact: Phosphor bronze (PBS) with
gold plating
» Spring: Piano wire
» LED: 3mm Diameter LED lamp
PB9
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
NS & NL Stand Cap
NS0
NS1
NS2
NL0
NL1
NL2
TS0
TS1
TS2
TL0
TL1
TL2
C
E
F
B
A
D
G
H
CAP TYPE & STYLE:
Small Cap without LED
Small Cap with One-LED
Small Cap with Two-LED
Large Cap without LED
Large Cap with One-LED
Large Cap with Two-LED
Transparent Small Cap without LED
Transparent Small Cap with One-LED
Transparent Small Cap with Two-LED
Transparent Large Cap without LED
Transparent Large Cap with One-LED
Transparent Large Cap with Two-LED
CAP COLORS (Only for NS & NL Cap):
Red
Yellow
Green
White
Black
Orange
Blue
Grey
00
0C
0E
0F
0G
CC
CE
CF
CG
EC
EE
EF
EG
FC
FE
FF
FG
GC
LED COLORS:
Without LED
One-LED:
Red
Yellow
Green
Blue
Two-LED (Left / Right):
Red / Red
Red / Yellow
Red / Green
Red / Blue
Yellow / Red
Yellow / Yellow
Yellow / Green
Yellow / Blue
Green / Red
Green / Yellow
Green / Green
Green / Blue
Blue / Red
GE
GF
GG
0
no code
2
no code
4
5
6
Blue / Yellow
Blue / Green
Blue / Blue
LED TERMINAL &
ELECTRODE DIRECTION:
+ o o - Bend (One-LED)
o + - o Standard (One-LED)
o - + o (One-LED)
+ - - + Standard (Two-LED)
- + + - (Two-LED)
- + - + (Two-LED)
+ - + - (Two-LED)
Standard: No Code
+ : anode
- : cathode
o : none this pin
1
2
3
4
CAP TYPES
Parameters
Symbol (Unit)
Red
Yellow
Green
Blue
Forward Voltage
VF(V)
2.0
2.1
2.2
3.5
Forward Current
IF(mA)
20
20
20
20
Permissible Loss
PD(mW)
80
80
80
120
Luminous Intensity
Iv(mcd)
60
50
60
600
Peak Wave Length
λP(nm)
635
585
568
470
Reverse Voltage
VR(V)
5
Reverse Current VR=5V
(uA)
100
Soldering Temperature
(°C)
260 for 5 seconds
LED CHARACTERISTICS
CAP STYLE
PAPERBOARD
LED Positions
SPDT Contact
Bottom View
P.C.B. Mounting Holes
Configuration
TS & TL Transparent Cap
NS0
NL0
NS1
NL1
NS2
NL2
TS_
TL_
Non LED
One-LED
Two-LED
The electrical specifications shown are
determined at a basic temperature of
25°C. If the source voltage exceeds the
rated of LED, a ballast resistor has to
be connected in series with the LED.
Attention: LED are electrostatic sensi-
tive devices
Note:
write area (Paperboard only for cap type TS & TL)
CUTAWAY


Similar Part No. - PB9NS1E0E0

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PB95-LBRG13 P-TEC-PB95-LBRG13 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
PB95-LBRR12 P-TEC-PB95-LBRR12 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
PB95-LBRR21 P-TEC-PB95-LBRR21 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
PB95-LBRY01 P-TEC-PB95-LBRY01 Datasheet
30Kb / 1P
   21 x 13mm Light Bar
More results

Similar Description - PB9NS1E0E0

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
   SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
1212MA ETC-1212MA Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
   Momentary pushbutton switches - round plunger
TP32W003050 ETC2-TP32W003050 Datasheet
205Kb / 6P
   Tiny washable momentary pushbutton switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com