Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

334-15-T2C1-4UWC-R10 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 334-15-T2C1-4UWC-R10
Description  Popular T-1 3/4 round package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

334-15-T2C1-4UWC-R10 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 334-15-T2C1-4UWC-R10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 11Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 12Page - Everlight Electronics Co., Ltd 334-15-T2C1-4UWC-R10 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-03-05 18:28:58.0
Technical Data Sheet
334-15/T2C1-4UWC/R10
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
1
Page: 9 of 14
Device Number: DLE-0002699
Established date:03-01-2010
Established by: Ruby Lin
Taping Sizes
Specifications
Avg
Tolerance
Symbol Item
Symbol
mm
Inch
mm
Tape Feed Hold Diameter
D
4.0
0.158
±0.2
Component Lead Pitch
F
2.54
0.100
+0.8/-0.2
Front-To-Rear Deflection
ΔH
0
0
±5°
Feed Hole To Button Of Component
H1
24.5
0.965
±1.0
Feed Hole To Overall Component Height
H2
33.1
1.304
±1.0
Lead Length After Component Height
L
11.0
0.433
Max
Feed Hold Pitch
P
12.7
0.500
±0.3
Lead Location
P1
5.1
0.201
±0.7
Center Of Component Location
P2
6.3
0.248
±1.2
Overall Taped Package Thickness
T
1.42
0.056
Max
Feed Hold Location
W0
9.0
0.355
±0.5
Adhesive Tape Width
W1
13.0
0.512
±0.25
Adhesive Tape Position
W2
2.0
0.789
Max
Tape Width
W3
18.0
0.709
±0.75


Similar Part No. - 334-15-T2C1-4UWC-R10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T2C1-4UWC EVERLIGHT-334-15-T2C1-4UWC Datasheet
366Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - 334-15-T2C1-4UWC-R10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T2C5-1MQB EVERLIGHT-334-15-T2C5-1MQB Datasheet
257Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com