Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD83THS306RTB Datasheet(PDF) 1 Page - GREATECS

Part # RD83THS306RTB
Description  10 x 10 mm Sealed Rotary DIP Switches (THR)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RD83THS306RTB Datasheet(HTML) 1 Page - GREATECS

  RD83THS306RTB Datasheet HTML 1Page - GREATECS RD83THS306RTB Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary Switches
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T Series
General Specifications:
FEATURES
MECHANICAL
» Life Cycle: 10.000 steps
» Operating Force: 700 gf max.
ELECTRICAL
» Contact Rating: 150mA, 24V (Switching)
400mA, 24V (None-Switching)
SOLDERING PROCESSES
» Solder Condition: Solder reflow max: 10s/260°C
Solder iron max: 4s./350°C
Solder bath max: 5s/280°C
RD83T
How to order:
1
2
3
4
5
sales@greatecs.com
www.greatecs.com
1
RD83TH
THT Top Adjust Type Terminals
H
A1
A2
S
S1
04
06
08
10
16
TYPE OF TERMINALS:
THT Top Adjust Type
THT Angel Type (5.08)
THT Angel Type (2.54)
SMT Top Type
ROTOR TYPE (See Above Drawings):
Arrow Type
NO. OF POSITIONS:
04 Positions
06 Positions
08 Positions
10 Positions
16 Positions
R
S
TB
TR
CODE:
Real Code
Complementary Code
PACKAGING TYPE:
Tube
Tape & Reel (RD83S Only)
1
2
3
4
5
S2
S3
Cross Type
Shaft Type
» Contact Resistance: 80m
Ω Max
» Insulation Resistance: 100M
Ω Min
RD83TA1
RD83TA2
RD83TS
THT Angel Type (5.08) Terminals
THT Angel Type (2.54) Terminals
SMT Top Type Terminals
PACKING
» Tube: 50pcs / Tube
» Reel: 600pcs / Reel
» Sealing: IP 67(Dust & Waterproof )
» THR (Thru Hole Reflow solderable)


Similar Part No. - RD83THS306RTB

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
   85 to 265 VAC Input, 3 W Output Reference Design Board
logo
List of Unclassifed Man...
RD8-10 ETC2-RD8-10 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
RD8-12 ETC2-RD8-12 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
RD8-14 ETC2-RD8-14 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
RD8-38 ETC2-RD8-38 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
More results

Similar Description - RD83THS306RTB

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
   10 x 10 mm Sealed Rotary DIP Switches (THR)
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
   7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
   10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
   10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
A6A OMRON-A6A Datasheet
614Kb / 6P
   Sealed Rotary DIP Switch
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com